Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOM670 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LOM670
Description  Backlighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOM670 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LOM670 Datasheet HTML 6Page - OSRAM GmbH LOM670 Datasheet HTML 7Page - OSRAM GmbH LOM670 Datasheet HTML 8Page - OSRAM GmbH LOM670 Datasheet HTML 9Page - OSRAM GmbH LOM670 Datasheet HTML 10Page - OSRAM GmbH LOM670 Datasheet HTML 11Page - OSRAM GmbH LOM670 Datasheet HTML 12Page - OSRAM GmbH LOM670 Datasheet HTML 13Page - OSRAM GmbH LOM670 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2013-12-05
10
Version 1.1 (Replacement in due course)
LO M670
Package Outline 9) page18
Maßzeichnung 9) Seite 18
Approximate Weight:
7 mg
Gewicht:
7 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S / 336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 % rh
/ 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 % rh /
10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]


Similar Part No. - LOM670

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LOM670 TO-GRACE-LOM670 Datasheet
1Mb / 12P
   Standard Mini SMD LED
logo
OSRAM GmbH
LOM670-H2L1-24 OSRAM-LOM670-H2L1-24 Datasheet
479Kb / 19P
   white SMT package, colorless clear resin
logo
Siemens Semiconductor G...
LOM670-HK SIEMENS-LOM670-HK Datasheet
49Kb / 8P
   Mini TOPLED
LOM670-J SIEMENS-LOM670-J Datasheet
49Kb / 8P
   Mini TOPLED
logo
HK TO-GRACE TECHNOLOGY ...
LOM670-J2L1 TO-GRACE-LOM670-J2L1 Datasheet
1Mb / 12P
   Standard Mini SMD LED
More results

Similar Description - LOM670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
   Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
   Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
   Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
   Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
   Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
   Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
   Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
   Backlighting
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
   Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
   Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com