Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAW5SM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LAW5SM
Description  LCD Backlighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW5SM Datasheet(HTML) 4 Page - OSRAM GmbH

  LAW5SM Datasheet HTML 1Page - OSRAM GmbH LAW5SM Datasheet HTML 2Page - OSRAM GmbH LAW5SM Datasheet HTML 3Page - OSRAM GmbH LAW5SM Datasheet HTML 4Page - OSRAM GmbH LAW5SM Datasheet HTML 5Page - OSRAM GmbH LAW5SM Datasheet HTML 6Page - OSRAM GmbH LAW5SM Datasheet HTML 7Page - OSRAM GmbH LAW5SM Datasheet HTML 8Page - OSRAM GmbH LAW5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2014-11-03
4
Version 1.1
LA W5SM
Characteristics (T
S = 25 °C; IF = 400 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
624
nm
Dominant Wavelength
2) page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 3) page 20
Durchlassspannung
3) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.00
2.25
2.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 20
(typ.)
(max.)
R
th JS real
R
th JS real
6.5
11
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LAW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAW5SM OSRAM-LAW5SM Datasheet
1Mb / 22P
   Golden DRAGON
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
1Mb / 22P
   Golden DRAGON
LAW5SM OSRAM-LAW5SM_18 Datasheet
1Mb / 22P
   Golden DRAGON
More results

Similar Description - LAW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
   LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
   LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
   LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
   LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
   LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
   LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
   LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
   LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com