Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGMC-111GPB Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IGMC-111GPB
Description  Industrial mini type Gigabit Ethernet to fiber media converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGMC-111GPB Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IGMC-111GPB Datasheet HTML 1Page - ORing Industrial Networking Corp IGMC-111GPB Datasheet HTML 2Page - ORing Industrial Networking Corp IGMC-111GPB Datasheet HTML 3Page - ORing Industrial Networking Corp IGMC-111GPB Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Designed for Rugged Excellence
2-25
2-25
Technology
Ethernet Standards
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.3z for 1000Base-X
Processing
Store-and-Forward
DIP-Switch setting
DIP-Switch 1 (ON) and DIP-Switch 2 (ON) : SFP speed setting to 100Mbps
DIP-Switch 1 (OFF) and DIP-Switch 2 (OFF) : SFP speed setting to 1000Mbps
LED Indicators
Power Indicator
Green : Power LED x 2 (ON : power input on-line / (OFF) power input off-line
10/100Base-T(X) RJ45 Port Indicator
LED for Link/Act and Speed indicator ~
Green on only : 1000Mbps Link/Act - (ON) Link up / (Flash) Acting / (OFF) Link down
Green and Amber on : 100Mbps Link/Act - (ON) Link up / (Flash) Acting / (OFF) Link down
*Note : If amber on only : 10Mbps (This is not working mode)
100/1000Base-(F)X fiber port indicator
Green for fiber port Link/Act - (ON) Link up / (Flash) Acting / (OFF) Link down
Power
Input Power
Dual 12~48 VDC voltage power input at 4-pin terminal block
Power Consumption (Typ.)
3.6 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm (1.03 x 2.76 x 3.74 inch)
Weight (g)
190 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A, EN50155 (EN50121-3-2, EN55011, EN50121-4)
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
IGMC-1 A B GPB
Ordering Information
Code Definition
100/1000Base-T(X) Port Number 100/1000Base-(F)X Fiber Port Number
Option
- 1 : 1 port
- 1: 1 port
v1.0 / Apr, 2012
Industrial Media Converter DIN-Rail Ethernet to Fiber Media Converter


Similar Part No. - IGMC-111GPB

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
More results

Similar Description - IGMC-111GPB

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
   Industrial Gigabit Ethernet to Fiber Media Converter
logo
ORing Industrial Networ...
IMC-111FB ORING-IMC-111FB Datasheet
742Kb / 4P
   Industrial mini type Ethernet to fiber media converter
IMC-121FB ORING-IMC-121FB Datasheet
611Kb / 3P
   Industrial mini type Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
   Industrial Gigabit Ethernet to fiber media converter
IGMC-1011GF ORING-IGMC-1011GF Datasheet
1Mb / 3P
   Industrial slim type Gigabit Ethernet to fiber media converter
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
   Industrial Gigabit PoE Ethernet to fiber media converter
IPMC-111PB ORING-IPMC-111PB Datasheet
1Mb / 4P
   Industrial mini type Ethernet to fiber PoE media converter
logo
Moxa Inc.
IMC-101G MOXA-IMC-101G Datasheet
979Kb / 4P
   Industrial Gigabit Ethernet-to-fiber media converters
IMC-21GA MOXA-IMC-21GA Datasheet
741Kb / 5P
   Industrial Gigabit Ethernet-to-fiber media converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com