Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7382MX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7382MX
Description  Half-Bridge Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7382MX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7382MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7382MX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.7
8
Typical Characteristics
(Continued)
Figure 16. Allowable Negative VS Voltage for Signal
Propagation to High Side vs. Supply Voltage
Figure 17. Allowable Negative VS Voltage for Signal
Propagation to High Side vs. Temp.
Figure 18. IQCC vs. Supply Voltage
Figure 19. IQCC vs. Temp.
Figure 20. IQBS vs. Supply Voltage
Figure 21. IQBS vs. Temp.
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
VCC=VBS=15V
COM=0V
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
VCC=VBS=15V
COM=0V
V
CC=VBS
COM=0V
T
A=25°C
V
CC=VBS=15V
COM=0V
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
Ta=25°C
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
Ta=25°C
-40
-20
0
20406080
100
120
45
50
55
60
65
70
75
80
85
90
95
Tem perature [°C]
VCC=VBS=15V
CO M =0V
HIN=LIN=0V
-40
-20
0
20406080
100
120
45
50
55
60
65
70
75
80
85
90
95
Tem perature [°C]
VCC=VBS=15V
CO M =0V
HIN=LIN=0V
V
BS=15V
COM=0V
HIN=LIN=0V
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=0V
0
5
10
15
20
0
10
20
30
40
50
60
70
80
Supply Voltage [V]
VCC=15V
COM =0V
HIN=LIN=0V
Ta=25°C
0
5
10
15
20
0
10
20
30
40
50
60
70
80
Supply Voltage [V]
VCC=15V
COM =0V
HIN=LIN=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
36
38
40
42
44
46
48
50
52
Tem perature [°C]
VCC=15V
COM =0V
HIN=LIN=0V
-40
-20
0
20
40
60
80
100
120
36
38
40
42
44
46
48
50
52
Tem perature [°C]
VCC=15V
COM =0V
HIN=LIN=0V
V
CC=15V
COM=0V
HIN=LIN=0V
T
A=25°C
V
CC=15V
COM=0V
HIN=LIN=0V


Similar Part No. - FAN7382MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7382MX FAIRCHILD-FAN7382MX Datasheet
376Kb / 15P
   High- and Low-Side Gate Driver
FAN7382MX FAIRCHILD-FAN7382MX Datasheet
382Kb / 15P
   High- and Low-Side Gate Driver
logo
ON Semiconductor
FAN7382MX ONSEMI-FAN7382MX Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
More results

Similar Description - FAN7382MX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com