Electronic Components Datasheet Search |
|
IDS-312L Datasheet(PDF) 3 Page - ORing Industrial Networking Corp |
|
IDS-312L Datasheet(HTML) 3 Page - ORing Industrial Networking Corp |
3 / 4 page * All specifications are subject to change without notice. Designed for Rugged Excellence Specifications ORing Device Server Model IDS-312L Physical Ports 10/100 Base-T(X) Ports in RJ45 Auto MDI/MDIX 2 Serial Ports Connector DB9 x 1 Operation Mode RS-232/422/485 Serial Baud Rate 110 bps to 921.6 Kbps Data Bits 7, 8 Parity odd, even, none, mark, space Stop Bits 1, 1.5, 2 RS-232 TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND RS-422 Tx-, Tx+, Rx+, Rx- RS-485 4 wire: Tx-, Tx+, Rx+, Rx- 2 wire: Data-, Data+ Flow Control XON/XOFF, RTS/CTS, DTR/DSR Network Protocol Protocol ICMP, IP, TCP, UDP, DHCP, BOOTP, SSH, DNS, SNMP V1/V2c, HTTPS, SMTP LED indicators Power indicator 2 x LEDs, PWR 1(2) / Ready: Green On: Power is on 10/100TX RJ45 port indicator Green for port Link/Act at 100Mbps. Serial TX / RX LEDs: Amber: Serial port is receiving data Green: Serial port is transmitting data Power Redundant Input power Dual DC inputs. 12-48VDC on 4-pin terminal block Power consumption (Typ.) 1.44 W Overload current protection Present Reverse polarity protection Present Physical Characteristic Enclosure IP-30 Dimension (W x D x H) 26 (W) x 75 (D) x 110 (H) mm Weight (g) 227g Environmental Storage Temperature -40 to 85oC (-40 to 185oF) Operating Temperature -40 to 70oC (-40 to 158oF) Operating Humidity 5% to 95% Non-condensing Regulatory approvals EMI FCC Part 15B, CISPR 32 ( EN55032 Class A) EMS EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8, EN61000-4-11 Shock IEC60068-2-27 Free Fall IEC60068-2-32 Vibration IEC60068-2-6 Safety EN60950-1 Warranty 5 years |
Similar Part No. - IDS-312L |
|
Similar Description - IDS-312L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |