Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNC-RC-1 Datasheet(PDF) 7 Page - DDK Ltd.

Part # TNC-RC-1
Description  TNC Style Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-RC-1 Datasheet(HTML) 7 Page - DDK Ltd.

Back Button TNC-RC-1 Datasheet HTML 3Page - DDK Ltd. TNC-RC-1 Datasheet HTML 4Page - DDK Ltd. TNC-RC-1 Datasheet HTML 5Page - DDK Ltd. TNC-RC-1 Datasheet HTML 6Page - DDK Ltd. TNC-RC-1 Datasheet HTML 7Page - DDK Ltd. TNC-RC-1 Datasheet HTML 8Page - DDK Ltd. TNC-RC-1 Datasheet HTML 9Page - DDK Ltd. TNC-RC-1 Datasheet HTML 10Page - DDK Ltd. TNC-RC-1 Datasheet HTML 11Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Receptacle Plug
○Right Angle Receptacle Jack
Part Number
Finish
Outer
Conductor
Center
Conductor
TNC-PR-CF
Ag
Ag
Part Number
Finish
Outer
Conductor
Center
Conductor
TNC-LR-CF
Ag
Au
TNC-LR-Ni-CF
Ni
Ag
Part Number
Finish
Outer
Conductor
Center
Conductor
TNC-LR-1-CF
Ag
Ag
TNC-PR
TNC-LR-Ni
TNC-LR
TNC-LR-1
28.5
18.0
12.7±0.05
4-φ3.2
+0.1
0
φ9.0
+0.1
0
□17.5
12.7
4-φ3.0
2.3
12.7±0.05
4-φ3
+0.1
0
φ9.0
+0.1
0
14.3
2.3
23
□17.5
12.7
12.7
4-φ3.0
4-M2.6
21.6
14.3
2.3
5
TNC-PR
TNC-LR-Ni
TNC-LR
TNC-LR-1
28.5
18.0
12.7±0.05
4-φ3.2
+0.1
0
φ9.0
+0.1
0
□17.5
12.7
4-φ3.0
2.3
12.7±0.05
4-φ3
+0.1
0
φ9.0
+0.1
0
14.3
2.3
23
□17.5
12.7
12.7
4-φ3.0
4-M2.6
21.6
14.3
2.3
5
TNC-PR
TNC-LR-Ni
TNC-LR
TNC-LR-1
28.5
18.0
12.7±0.05
4-φ3.2
+0.1
0
φ9.0
+0.1
0
□17.5
12.7
4-φ3.0
2.3
12.7±0.05
4-φ3
+0.1
0
φ9.0
+0.1
0
14.3
2.3
23
□17.5
12.7
12.7
4-φ3.0
4-M2.6
21.6
14.3
2.3
5
7
Panel Mounting Dimensions
Panel Mounting Dimensions


Similar Part No. - TNC-RC-1

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-6 PREMO-TNC-15-6 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNC-RC-1

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
46_TNC-50-0-1133_N HUBERSUHNER-46_TNC-50-0-1133_N Datasheet
518Kb / 2P
   COAXIAL ADAPTER, TNC, 50 Ohm, T-style, 3 jacks (female)
logo
Adam Technologies, Inc.
RF7-17-T-00-50 ADAM-TECH-RF7-17-T-00-50 Datasheet
133Kb / 1P
   TNC FEMALE CONNECTOR
logo
Huber+Suhner, Inc.
53_TNC-50-0-1133_N HUBERSUHNER-53_TNC-50-0-1133_N Datasheet
497Kb / 2P
   COAXIAL ADAPTER, TNC, 50 Ohm, L-style, plug / jack (male / female)
logo
DDK Ltd.
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
   SMB Style Connector
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
   TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
logo
DDK Ltd.
N-SERIES DDK-N-SERIES Datasheet
321Kb / 12P
   N Style Coaxial Connector
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
   RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470_16 Datasheet
324Kb / 3P
   TNC Male Connector Solder Attachment
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
   BNC-TNC Connector Gage Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com