Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX87L-2011-35-S009 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DX87L-2011-35-S009
Description  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DX87L-2011-35-S009 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DX87L-2011-35-S009 Datasheet HTML 1Page - Willow Technologies Ltd DX87L-2011-35-S009 Datasheet HTML 2Page - Willow Technologies Ltd DX87L-2011-35-S009 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DX87
pcb power relay
Ref: DX87 082914JHM
Coil Data (DC voltage 400mW)
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Operate
voltage max.
(VDC)
Must operate
voltage max.
(VDC)
Must release
voltage min.
(VDC)
1005
5
62
7.5
3.5
0.5
1006
6
90
9.0
4.2
0.6
1009
9
202
13.5
6.3
0.9
1012
12
360
18.0
8.4
1.2
1018
18
810
27.0
12.6
1.8
1024
24
1440
36.0
16.8
2.4
1048
48
5760 ±15%
72.0
33.6
4.8
1060
60
7500 ±15%
90.0
42.0
6.0
1110
110
25200 ±15%
165.0
77.0
11.0
Coil Data (DC voltage 250mW) - SPDT (1 Form C, 1C/O only)
Table 2
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Operate
voltage max.
(VDC)
Must operate
voltage max.
(VDC)
Must release
voltage min.
(VDC)
S005
5
100
6.5
3.75
0.5
S006
6
144
7.8
4.50
0.6
S009
9
324
11.7
6.75
0.9
S010
10
400
13.0
7.5
1.0
S012
12
576
15.6
9.00
1.2
S018
18
1296
23.4
13.5
1.8
S024
24
2304
31.2
18.0
2.4
S048
48
9216 ±15%
62.4
36.0
4.8
S060
60
12857 ±15%
78.0
45.0
6.0
Operating relays below or above the nominal voltage may prove detrimental to performance.
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
X
8
7
-
-
5
-
Contact terminal spacing
N
L
-
-
3.5mm pitch (standard)
5.0mm pitch
Contact material
see Tables 1 & 2
20
30
-
-
AgNi 90/10
AgSnO
2
Contact arrangement
11
21
-
-
SPDT (1 C/O)
SPST-NO (1N/O)
Cover protection category
2
3
-
-
in cover, flux tight - IP40
in cover, sealed - IP67
Connection mode
5
-
for PCB
Specifications are subject to change without notice. E&OE.


Similar Part No. - DX87L-2011-35-S009

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DX87 AEC-DX87 Datasheet
266Kb / 3P
   industry standard style
logo
Integrated Device Techn...
DX8773 IDT-DX8773 Datasheet
133Kb / 1P
   High Video Quality Primary Distribution Transcoder/Encoder
More results

Similar Description - DX87L-2011-35-S009

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com