Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

245NQ015 Datasheet(PDF) 3 Page - International Rectifier

Part # 245NQ015
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

245NQ015 Datasheet(HTML) 3 Page - International Rectifier

  245NQ015 Datasheet HTML 1Page - International Rectifier 245NQ015 Datasheet HTML 2Page - International Rectifier 245NQ015 Datasheet HTML 3Page - International Rectifier 245NQ015 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.irf.com
245NQ015
Bulletin PD-2.296 rev. B 02/01
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1
10
100
1000
10000
05
10
15
R
75°C
50°C
25°C
ReverseVoltage-V (V)
T =100°C
J
1000
10000
100000
0
5
10
15
20
25
30
T =25°C
J
ReverseVoltage-V (V)
R
.001
.01
.1
1
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
Notes:
1.DutyfactorD= t /t
2.PeakT =P xZ
+T
2
t
1
t
PDM
1
J
C
2
DM
thJC
1
10
100
1000
0
.1.2.3
.4
.5
.6
FM
ForwardVoltageDrop-V
(V)
T =100°C
T = 75°C
T = 25°C
J
J
J


Similar Part No. - 245NQ015

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
245NQ015 MICROSEMI-245NQ015 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
245NQ015 MICROSEMI-245NQ015 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
245NQ015 SMC-245NQ015 Datasheet
219Kb / 4P
   Unique high power, Half-Pak module
245NQ015-1 SMC-245NQ015-1 Datasheet
219Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
245NQ015PBF VISHAY-245NQ015PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 240
Revision: 06-May-08
More results

Similar Description - 245NQ015

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com