Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER508 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # HER508
Description  High Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HER508 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  HER508 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HER508 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S-A099
扬州扬杰电子科技股份有限公司
www.21yangjie.com
Rev. 1.2, 28-Apr-14
YANGZHOU YANGJIE SEMICONDUCTOR CO.,LTD
HER501 THRU HER508
高效整流二极管 High Efficient Rectifier
特征
Features
外形尺寸和印记 Outline Dimensions and Mark
Io
5.0A
VRRM
50V-1000V
耐正向浪涌电流能力高
High surge current capability
Applications
整流用
Rectifier
■ 极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
HER50
1
2
3
4
5
6
7
8
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
300
400
600
800 1000
正向平均电流
Average Forward Current
IF(AV)
A
(正弦半波 60HZ,电阻负载,Ta
FIG.1)); (60HZ Half-sine wave,
Resistance load,Ta(FIG.1))
5
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
( 正弦半波 60HZ ,一个周期,
Ta=25℃) (60HZ Half-sine wave,1
cycle,Ta=25℃)
150
结温
Junction Temperature
Tj
-55~+125
储存温度
Storage Temperature
Tstg
-55 ~ +150
电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
HER50
1
2
3
4
5
6
7
8
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=5.0A
1.0
1.3
1.7
反向峰值电流
Peak Reverse Current
IRRM1
μA
VRM=VRRM
Ta=25℃
5
IRRM2
Ta=125℃
150
反向恢复时间
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
50
75
热阻
(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
15
结电容
Typical
junction
capacitance
Cj
pF
Measured at 1MHZ and Applied
Reverse Voltage of 4.0 V.D.C.
85
60
D O - 2 0 1 A D
U n i t : i n i n c h e s
m i l l i m e t e r s
COMPLIANT
RoHS


Similar Part No. - HER508

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER508 MOSPEC-HER508 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Goodwork Semiconductor ...
HER508 GWSEMI-HER508 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER508 BILIN-HER508 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER508 DGNJDZ-HER508 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
HER508 EIC-HER508 Datasheet
55Kb / 2P
   HIGH EFFICIENT
More results

Similar Description - HER508

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com