Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM87L-2021-25-S010 Datasheet(PDF) 5 Page - Willow Technologies Ltd

Part # DM87L-2021-25-S010
Description  industrial relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM87L-2021-25-S010 Datasheet(HTML) 5 Page - Willow Technologies Ltd

  DM87L-2021-25-S010 Datasheet HTML 1Page - Willow Technologies Ltd DM87L-2021-25-S010 Datasheet HTML 2Page - Willow Technologies Ltd DM87L-2021-25-S010 Datasheet HTML 3Page - Willow Technologies Ltd DM87L-2021-25-S010 Datasheet HTML 4Page - Willow Technologies Ltd DM87L-2021-25-S010 Datasheet HTML 5Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M 8 7
D
DM87
industrial relays
see Tables 1, 2, 3
Examples of ordering codes:
DM87N - 2011 - 25 - 1012
relay DM87, 3,5 mm raster, contact material AgNi, with one changeover contact, in cover
IP 40, for PCB and sockets, voltage version 12 V DC
Ordering codes
Type
Contact
material
Contact number &
arrangement
Cover protection
category
Connection mode
Coil code
Contact material
20 - AgNi
23 - AgNi/Au 5 um
30 - AgSnO2
Contact number & arrangement
11 - 1C/O
21 - 1NO
Cover protection category
2 - in cover, IP 40 version
3 - in cover, IP 67 waterproof version
Connection mode
5 - for PCB and sockets
Type of raster
Type of raster - standard version
N - 3.5 mm raster
L - 5.0 mm left raster
P - 5.0 mm right raster
Type of raster - sensitive version
N - 3.5 mm raster
Relays DM87N, DM87N sensitive are designed for:
• direct PCB mounting • screw terminals plug-in sockets
DZT92 and DZM92 with clip DZT80-0040, 35 mm DIN
rail mount, EN 50022 or on panel mounting. Signalling /
protecting modules type DM... are available with sockets
(see page 240) • plug-in sockets for PCB mounting DC35
with clip DH16-2.
Relays DM87L, DM87P are designed for: • direct PCB
mounting • screw terminals plug-in sockets DZT80 and
DZM80 with clip DZT80-0040, 35 mm DIN rail mount,
EN 50022 or on panel mounting. Signalling / protecting
modules type DM... are available with sockets
• plug-in sockets for PCB mounting DW80 and DC50
with clip DH16-2.
Mounting
Mounting openings raster
(solder side view)
DM87N
1C/O
DM87N sensitive
1C/O
DM87L
1C/O
DM87P
1C/O
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 5 of 5
American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516
5 × Ø 1.3
2.5 × 2.5
55
15
5 × Ø 1.3
2.5 × 2.5
55
15
5 × Ø 1.3
2.5 × 2.5
3.5 3.5
16.5


Similar Part No. - DM87L-2021-25-S010

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
logo
National Semiconductor ...
DM87S181 NSC-DM87S181 Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AJ NSC-DM87S181AJ Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AN NSC-DM87S181AN Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181J NSC-DM87S181J Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
More results

Similar Description - DM87L-2021-25-S010

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com