Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM87L-3011-25-S010 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # DM87L-3011-25-S010
Description  industrial relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM87L-3011-25-S010 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DM87L-3011-25-S010 Datasheet HTML 1Page - Willow Technologies Ltd DM87L-3011-25-S010 Datasheet HTML 2Page - Willow Technologies Ltd DM87L-3011-25-S010 Datasheet HTML 3Page - Willow Technologies Ltd DM87L-3011-25-S010 Datasheet HTML 4Page - Willow Technologies Ltd DM87L-3011-25-S010 Datasheet HTML 5Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DM87
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 4 of 5
Fig. 7
n
n
10
10
10
0
0
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
20
20
20
30
30
30
40
40
40
50
50
50
60
60
60
70
70
70
80
80
80
90
90
90
100
100
100
Description of Fig. 5, 6 and 7
A
B
1, 2, 3
1
2
3
- relations between make voltage and ambient temperature at
no load on contacts. Coil temperature and ambient temperature
are equal before coil energizing. Make voltage is not higher than
the value read on Y axis (multiplication of rated voltage).
- relations between make voltage and ambient temperature
after initial coil heating up with 1,1 U , at continues load of I on
contacts. Make voltage is not higher than the value read on Y
axis (multiplication of rated voltage).
- values on Y axis represent allowed overvoltage on coil at
certain ambient temperature and contact load:
- no load
- 50% of rated load
- rated load
nn
10
20
30
30
40
40
50
50
100
100
200
200
300
300
0.1
0.5
1
2
5
8
10
50
50
12
10
5
2
1
0.5
0.1
10
3.0
3.0
2.8
2.8
2.6
2.6
2.4
2.4
2.2
2.2
2.0
2.0
1.8
1.8
1.6
1.6
1.4
1.4
1.2
1.2
1.0
1.0
0.8
0.8
0.6
0.6
20
Coil operating range - AC 50 Hz
Fig. 3
DC voltage [V]
DC voltage [V]
Max. DC resistive load breaking capacity
- standard version
Max. DC resistive load breaking capacity
- sensitive version
Fig. 4
Coil operating range - DC
- standard version
Fig. 5
Coil operating range - DC
- sensitive version
Fig. 6


Similar Part No. - DM87L-3011-25-S010

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
logo
National Semiconductor ...
DM87S181 NSC-DM87S181 Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AJ NSC-DM87S181AJ Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AN NSC-DM87S181AN Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181J NSC-DM87S181J Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
More results

Similar Description - DM87L-3011-25-S010

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com