Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR151GS Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # FR151GS
Description  Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

FR151GS Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  FR151GS Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd FR151GS Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd FR151GS Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd FR151GS Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FR151GS THRU FR157GS
 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A077
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■Ordering Information (Example)
PREFERED P/N
PACKAGE CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
FR151GS~FR157GS
D1
Approximate 0.30
5000
5000
50000
Tape
FR151GS~FR157GS
C1
Approximate 0.30
1000
1000
50000
Bulk
■ Characteristics (Typical)
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.6
0.1
0.2
0.4
1.0
2.0
4.0
10
20
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0
0.3
0.6
0.9
50
1 0 0
150
S
ingle Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
100
1.2
1.5
0
Ambient Temperature (℃)
FIG.1: Io-Ta Curve
Number of Cycles
FIG.2: Surge Forward Currrent Capability
8.3ms Single Half Sine Wave
JEDEC Method
12
4
6
8 10
20
40
60 80 100
10
20
30
40
50
0
Tj
=100℃
Tj=125℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - FR151GS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR151G RECTRON-FR151G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Diode Semiconductor Kor...
FR151G DSK-FR151G Datasheet
249Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
SMC Diode Solutions Co....
FR151G SMCDIODE-FR151G Datasheet
308Kb / 4P
   FR151G THRU FR157G FAST RECOVERY RECTIFIERS
Rev. A
logo
List of Unclassifed Man...
FR151G ETC2-FR151G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR151GS

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com