Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMC-121FB-SS-SC Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # RMC-121FB-SS-SC
Description  Industrial rack-mount card type Ethernet to fiber media converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RMC-121FB-SS-SC Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  RMC-121FB-SS-SC Datasheet HTML 1Page - ORing Industrial Networking Corp RMC-121FB-SS-SC Datasheet HTML 2Page - ORing Industrial Networking Corp RMC-121FB-SS-SC Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
www.oring-networking.com
2-16
RMC-1 A B C B - DD - EE
LED Indicators
Power Indicator
Green : Power LED x 1
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for Duplex/Collision
100Base-FX Fiber Port Indicator
Green for fiber port Link/Act
Power
Power Consumption (Typ.)
4.5 Watts
Overload Current Protection
Present
Physical Characteristics
Dimensions (W x D x H)
21.8 (W) x 73.1 (D) x 126 (H) mm
Weight (g)
137 g
Environmental
Storage Temperature
-40 to 85°C(-40 to 185°F)
Operating Temperature
-10 to 60°C (14 to 140°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Warranty
2 years
Available
Model
Model Name
Description
RMC-121FB-MM-SC
Industrial Rack-mount card type Ethernet to fiber media converter with 2x10/100Base-T(X) and 1x100Base-FX, multi-mode,
2km/1310nm, SC connector
RMC-121FB-SS-SC
Industrial Rack-mount card type Ethernet to fiber media converter with 2x10/100Base-T(X) and 1x100Base-FX, single-mode,
30km/1310nm, SC connector
Packing List
RMC-121FB
Quick Installation Guide
Optional Accessories (Can be purchased separately)
FPC series : Fiber Patch cord
Ordering Information
Code Definition
10/100Base-T(X)
Port Number
Fiber Port Number
Fiber Port Type
Fiber Optical Mode
Fiber Optical Connector
Option
- 2 : 2 port
- 1: 1 port
- F : 100Base-FX
- MM : Multi-mode
- SS : Single-mode
- SC: SC Connector
v1.2 / Dec, 2011
Industrial Media Converter Rack-Mount Ethernet To Fiber Media Converter


Similar Part No. - RMC-121FB-SS-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RMC-1000 ORING-RMC-1000 Datasheet
1Mb / 3P
   Industrial rack-mount Ethernet to fiber media converter Chassis with 18 slots
RMC-111FB ORING-RMC-111FB Datasheet
867Kb / 3P
   Industrial rack-mount card type Ethernet to fiber media converter
RMC-111FB-MM-SC ORING-RMC-111FB-MM-SC Datasheet
867Kb / 3P
   Industrial rack-mount card type Ethernet to fiber media converter
RMC-111FB-SS-SC ORING-RMC-111FB-SS-SC Datasheet
867Kb / 3P
   Industrial rack-mount card type Ethernet to fiber media converter
RMC-111PB ORING-RMC-111PB Datasheet
867Kb / 3P
   Industrial rack-mount card type Ethernet to fiber media converter
More results

Similar Description - RMC-121FB-SS-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGMC-111GPB ORING-RGMC-111GPB Datasheet
862Kb / 3P
   Industrial Rack mount card type Ethernet to fiber media converter
RMC-111FB ORING-RMC-111FB Datasheet
867Kb / 3P
   Industrial rack-mount card type Ethernet to fiber media converter
IMC-111FB ORING-IMC-111FB Datasheet
742Kb / 4P
   Industrial mini type Ethernet to fiber media converter
IMC-121FB ORING-IMC-121FB Datasheet
611Kb / 3P
   Industrial mini type Ethernet to fiber media converter
RMC-1000 ORING-RMC-1000 Datasheet
1Mb / 3P
   Industrial rack-mount Ethernet to fiber media converter Chassis with 18 slots
IGMC-111GPB ORING-IGMC-111GPB Datasheet
791Kb / 4P
   Industrial mini type Gigabit Ethernet to fiber media converter
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
   Industrial Gigabit Ethernet to Fiber Media Converter
logo
ORing Industrial Networ...
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
   Industrial Gigabit Ethernet to fiber media converter
IGMC-1011GF ORING-IGMC-1011GF Datasheet
1Mb / 3P
   Industrial slim type Gigabit Ethernet to fiber media converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com