Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM05-3021-25-S003 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DM05-3021-25-S003
Description  miniature pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM05-3021-25-S003 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DM05-3021-25-S003 Datasheet HTML 1Page - Willow Technologies Ltd DM05-3021-25-S003 Datasheet HTML 2Page - Willow Technologies Ltd DM05-3021-25-S003 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM05
miniature pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
Ag alloy
Max. switching voltage
AC/DC 277VAC, 30VDC
Min. breaking capacity
W 0.5W (AgCdO), 1W (AgSnO
2)
Rated load (resistive - cos φ=1)
AC1 SPST-NO: 10A/250VAC
SPDT: (NO contact) 5A/250VAC, 10A/125VAC;
SPDT: (NC contact) 3A/250VAC, 5A/125VAC
DC1 SPST-NO: 10A/30VDC
SPDT: (NO) 5A/30VDC; (NC) 3A/30VDC
Max. switching power
1250VA / 150W
Initial resistance
≤ 100mΩ, max. at 1A/24VDC
Coil
Rated voltage
DC 3...24V
Must release voltage
≥0.05Un
Operating range of supply voltage
See coil tables 1 & 2
Rated power consumption
DC See coil tables 1 & 2. 200mW & 450mW
Insulation
Insulation resistance
≥1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
contact to contact 1000Vrms, 1min (50Hz)
General Data
Operating time (typical)
mS ≤ 8
Release time (typical)
mS ≤ 5
Electrical Life
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 20.5 x 10.6 x 15.3mm
Weight
≤ 7g
Ambient temperature
storage -40 to 70°C
operating -40 to 70°C
Shock resistance
100m/s2, 11ms
Vibration resistance
DA 1.5mm 10-55Hz
• miniature - only 20.5 x 10.6 x 15.3mm
• High switching capacity 150W, 1250VA
• High sensitivity 200mW coils
• RoHS Compliant
Ref: DM05 090314JHM
Specifications are subject to change without notice. E&OE.
E470733


Similar Part No. - DM05-3021-25-S003

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
logo
American Electronic Com...
DM05 AEC-DM05 Datasheet
229Kb / 3P
   miniature pcb power relay
logo
Fairchild Semiconductor
DM0565 FAIRCHILD-DM0565 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
DM0565 FAIRCHILD-DM0565 Datasheet
273Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
DM0565 FAIRCHILD-DM0565 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - DM05-3021-25-S003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com