Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPBD100 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # LPBD100
Description  Dual Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

LPBD100 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  LPBD100 Datasheet HTML 1Page - Willow Technologies Ltd LPBD100 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LPBD100 30
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
LPBD100\072002\Q1
Series LPBD100
NOTES:
1. For input voltages greater than 7 volts, use an external resistor in
series with the relay input. Rext. = (Vin–7 Vdc)/0.012 Amps
2. Unless otherwise specified: conformance testing is at room
temperature; the input voltage is 5Vdc or zero volts as required; the
output load is 48Vdc, 0.25 amp.
3. Relay input voltage transitions should be less than 1.0 millisecond.
4. Maximum load current ratings are with the relay in free air and
soldered to a printed circuit board.
5. Timing is measured from the input voltage transition to the 10% or
90% point on the output voltage off-to-on or on-to-off transition. Rise
and fall times are from the 10% to 90% points on the output voltage
transition.
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Operating Temperature
–40
+85
°C
Storage Temperature
–55
+100
°C
Junction Temperature
125
°C
Thermal Resistance
(Junction to Ambient) each relay
120
°C/W
Shock
1500
g
Vibration
100
g
Dielectric Strength
500
Vac
Insulation Resistance
(@500 Vdc)
109
Ohm
Input to Output Capacitance
5
pF
Resistance to
Soldering Heat
MIL STD 202, method 210
Solderability
MIL STD 202, method 208
Thermal Shock
MIL STD 202, method 107
Altitude
55,000
ft
HAST
JDEC Test Method A110
130°C 85% RH, no power
applied, 50 hours
FUNCTIONAL BLOCK DIAGRAM
Figure 6
LOAD CURRENT VS. AMBIENT TEMPERATURE
Figure 5
0.3
0.25
0.2
0.15
0.1
0.05
0
–40
–20
0
20
40
60
80
100
120
Ambient Temperature (°C)
OUTPUT (LOAD) SPECIFICATION
Min
Max
Units
Load Voltage Rating
100
Vdc
Load Current Range (See Figure 5)
0.25
Adc
Transient Blocking Voltage
200
Vdc
Output Capacitance@ 25Vdc
120
pF
On-State Voltage Drop (See Figure 4)
1.25
Vdc
On Resistance
5.0
Ohm
Off-State Leakage Current (100 Vdc)
10
µAdc
Turn-On Time
0.5
ms
Turn-Off Time
2.5
ms
Resistor/LED
input
Optical
Isolation
Turn-on
Timing
Circuit
Output Switch
Depletion Mode
MOSFETs
+IN
–IN
+OUT
–OUT
OUTPUT CURRENT VS. VOLTAGE DROP
Figure 4
350
300
250
200
150
100
50
0
0
0.2
0.4
0.6
0.8
1
Output Voltage Drop (V)


Similar Part No. - LPBD100

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
   CERAMIC FILTERS
logo
LUMEX INC.
LPB-R0111051S LUMEX-LPB-R0111051S Datasheet
248Kb / 1P
   10 x 5mm LIGHT BAR.
LPB-R0112051S LUMEX-LPB-R0112051S Datasheet
45Kb / 1P
   20x5mm LIGHT BAR
LPB-R0112051S-ARW LUMEX-LPB-R0112051S-ARW Datasheet
87Kb / 1P
   20 X 5mm LIGHT BAR WITH ARROW OVERLAY
LPB-S01110101S LUMEX-LPB-S01110101S Datasheet
43Kb / 1P
   10mm SQUARE LIGHT BAR
More results

Similar Description - LPBD100

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
40-12-2CE OENINDIA-40-12-2CE Datasheet
99Kb / 2P
   DUAL MINI RELAY
logo
Clare, Inc.
XBB170 CLARE-XBB170 Datasheet
151Kb / 7P
   DUAL POLE OptoMOS Relay
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
   Dual Pole OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LBA126 CLARE-LBA126 Datasheet
126Kb / 9P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com