Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM85-2021-25-5024 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DM85-2021-25-5024
Description  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM85-2021-25-5024 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DM85-2021-25-5024 Datasheet HTML 1Page - Willow Technologies Ltd DM85-2021-25-5024 Datasheet HTML 2Page - Willow Technologies Ltd DM85-2021-25-5024 Datasheet HTML 3Page - Willow Technologies Ltd DM85-2021-25-5024 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DM85
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 3 of 4
ϕ
ϕ
n
Description of Fig. 4 and 5
A
B
1, 2, 3
1
2
3
- relations between make voltage and ambient temperature at
no load on contacts. Coil temperature and ambient temperature
are equal before coil energizing. Make voltage is not higher than
the value read on Y axis (multiplication of rated voltage).
- relations between make voltage and ambient temperature
after initial coil heating up with 1,1 U , at continues load of I on
contacts. Make voltage is not higher than the value read on Y
axis (multiplication of rated voltage).
- values on Y axis represent allowed overvoltage on coil at
certain ambient temperature and contact load:
- no load
- 50% of rated load
- rated load
nn
10
0
0,6
0,8
1,0
1,2
1,4
1,6
1,8
20
30
40
50
60
70
80
90
100
Breaking capacity [kVA]
Fig. 1
Electrical life at AC resistive load.
Maximum switching frequency at rated load
Power factor
Fig. 2
Electrical life reduction factor
at AC inductive load
DC voltage [V]
Fig. 3
Max. DC resistive load breaking capacity
Ambient temperature
Fig. 4
Coil operating range - DC
Ambient temperature
Coil operating range - AC 50 Hz
Fig. 5


Similar Part No. - DM85-2021-25-5024

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DM85-5021-25-1003 WILLOW-DM85-5021-25-1003 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1005 WILLOW-DM85-5021-25-1005 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1006 WILLOW-DM85-5021-25-1006 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1009 WILLOW-DM85-5021-25-1009 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1012 WILLOW-DM85-5021-25-1012 Datasheet
210Kb / 2P
   pcb power relay
More results

Similar Description - DM85-2021-25-5024

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com