Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA2010DR-139M76L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AA2010DR-139M76L
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA2010DR-139M76L Datasheet(HTML) 3 Page - YAGEO Corporation

  AA2010DR-139M76L Datasheet HTML 1Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 2Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 3Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 4Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 5Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 6Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 7Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 8Page - YAGEO Corporation AA2010DR-139M76L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08, 2015 V.3
Product specification
3
10
SERIES
AA
0201 to 2512
M
MA
AR
RK
KIIN
NG
G
AA0201 / AA0402
No marking
AA0603 / AA0805 / AA1206 / AA1210 / AA2010 / AA2512
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
AA0603
E-24 series: 3 digits, ±1%
One short bar under marking letter
E-96 series: 3 digits, ±1%
First two digits for E-96 marking rule and 3rd letter for number of zeros
AA0805 / AA1206 / AA1210 / AA2010 / AA2512
Both E-24 and E-96 series: 4 digits, ±1%
First three digits for significant figure and 4th digit for number of zeros
AA1218
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ±1%
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please refer to data sheet “Chip resistors marking”. Marking of AA series is the same as RC series.
Fig. 2
Value=10 KΩ
Fig. 3
Value = 24 Ω
Fig. 5 Value = 10 KΩ
Fig. 4
Value = 12.4 KΩ
Fig. 1
Fig. 6 Value = 10 KΩ
Fig. 7 Value = 10 KΩ


Similar Part No. - AA2010DR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA2010DR-139M76 YAGEO-AA2010DR-139M76 Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA2010DR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com