Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKP06N60 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SKP06N60
Description  Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKP06N60 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SKP06N60 Datasheet HTML 5Page - Infineon Technologies AG SKP06N60 Datasheet HTML 6Page - Infineon Technologies AG SKP06N60 Datasheet HTML 7Page - Infineon Technologies AG SKP06N60 Datasheet HTML 8Page - Infineon Technologies AG SKP06N60 Datasheet HTML 9Page - Infineon Technologies AG SKP06N60 Datasheet HTML 10Page - Infineon Technologies AG SKP06N60 Datasheet HTML 11Page - Infineon Technologies AG SKP06N60 Datasheet HTML 12Page - Infineon Technologies AG SKP06N60 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SKP06N60
SKB06N60
9
Mar-00
50A/
µs 150A/µs250A/µs350A/µs 450A/µs 550A/µs
0ns
100ns
200ns
300ns
400ns
500ns
I
F = 3A
I
F = 6A
I
F = 12A
50A/
µs150A/µs 250A/µs 350A/µs 450A/µs 550A/µs
0nC
200nC
400nC
600nC
800nC
1000nC
I
F = 3A
I
F = 6A
I
F = 12A
diF/dt, DIODE CURRENT SLOPE
diF/dt, DIODE CURRENT SLOPE
Figure 21. Typical reverse recovery time as
a function of diode current slope
(VR = 200V, Tj = 125
°C)
Figure 22. Typical reverse recovery charge
as a function of diode current slope
(VR = 200V, Tj = 125
°C)
50A/
µs 150A/µs 250A/µs 350A/µs 450A/µs 550A/µs
0A
2A
4A
6A
8A
10A
12A
I
F = 3A
I
F = 12A
I
F = 6A
50A/
µs 150A/µs 250A/µs 350A/µs 450A/µs 550A/µs
0A/
µs
100A/
µs
200A/
µs
300A/
µs
400A/
µs
500A/
µs
600A/
µs
diF/dt, DIODE CURRENT SLOPE
diF/dt, DIODE CURRENT SLOPE
Figure 23. Typical reverse recovery current
as a function of diode current slope
(VR = 200V, Tj = 125
°C)
Figure 24. Typical diode peak rate of fall of
reverse recovery current as a function of
diode current slope
(VR = 200V, Tj = 125
°C)


Similar Part No. - SKP06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP06N60 INFINEON-SKP06N60 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP06N60 INFINEON-SKP06N60 Datasheet
467Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 07
SKP06N60 INFINEON-SKP06N60_07 Datasheet
467Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 07
More results

Similar Description - SKP06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60 INFINEON-SKP10N60 Datasheet
319Kb / 14P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Aug-99
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com