Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR108 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR108
Description  4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR108 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button XTR108 Datasheet HTML 4Page - Burr-Brown (TI) XTR108 Datasheet HTML 5Page - Burr-Brown (TI) XTR108 Datasheet HTML 6Page - Burr-Brown (TI) XTR108 Datasheet HTML 7Page - Burr-Brown (TI) XTR108 Datasheet HTML 8Page - Burr-Brown (TI) XTR108 Datasheet HTML 9Page - Burr-Brown (TI) XTR108 Datasheet HTML 10Page - Burr-Brown (TI) XTR108 Datasheet HTML 11Page - Burr-Brown (TI) XTR108 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
XTR108
8
SBOS187B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, V+ = 24V, unless otherwise noted. RVI = 6.34kΩ.
INPUT NOISE POWER DENSITY
10
100
1k
10k
1
Frequency (Hz)
1000
100
10
C
FILT = 0.01
PGA PEAK-TO-PEAK NOISE (RTI)
5s/div
BW: 0.1Hz to 10Hz
OVERVIEW
The XTR108 is a 4-20mA current-loop transmitter that
allows the user to digitally adjust the gain, offset, and
linearity correction of the analog output to calibrate the
sensor. The digital data for adjustment are stored in an
external EEPROM device.
The analog signal path is composed of a compound multi-
plexer (MUX), programmable gain instrumentation amplifier
(PGA), and an output current amplifier. Analog support func-
tions include digitally controlled current sources for sensor
excitation, PGA offset control, linearization, voltage refer-
ence, and voltage regulator.
The digital interface communicates with external devices for
calibration and to store the resultant data in an SPI compat-
ible EEPROM. A complete system is shown in Figure 1. The
XTR108 serial interface is SPI compatible and only requires
four connections to the calibration controller: a serial clock
(SCLK), a serial data line (SDIO), a chip select line (CS1),
and a ground sense line. All logic signals to the XTR108
must be referenced to the potential of the ground sense line
(IRET pin on the XTR108).
Within this entire system there may exist three different
“GND” voltage levels. In addition, the voltage difference
between the IRET and IO potential will depend on the output
current level. It is not certain that the “GND” potential of the
calibration system will be at the same potential of either the
IRET or IO potential, and therefore the isolation couplers are
shown in Figure 1. All voltages specified for the XTR108
are with reference to the IRET pin.
EE PROM
SDIO
SCLK
CS1
Isolation
Couplers
IO
IRET
XTR108
RV
RX
GND
PS
Calibration
System
Calib
GND
TX
GND
FIGURE 1. Complete System Level Configuration with
Three Unique Ground Voltage Levels.
The XTR108 also needs to communicate with the external
EEPROM device independently from the calibration control-
ler to retrieve the calibration constants during normal opera-
tion. The XTR108 provides a second chip select function
(CS2) for the EEPROM device to facilitate this communica-
tion.


Similar Part No. - XTR108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
Texas Instruments
XTR108 TI-XTR108 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR108EA BURR-BROWN-XTR108EA Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
Texas Instruments
XTR108EA TI-XTR108EA Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
More results

Similar Description - XTR108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com