Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN0C301 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # XN0C301
Description  Silicon PNP epitaxial planer transistor (Tr1)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN0C301 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  XN0C301 Datasheet HTML 1Page - Panasonic Semiconductor XN0C301 Datasheet HTML 2Page - Panasonic Semiconductor XN0C301 Datasheet HTML 3Page - Panasonic Semiconductor XN0C301 Datasheet HTML 4Page - Panasonic Semiconductor XN0C301 Datasheet HTML 5Page - Panasonic Semiconductor XN0C301 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Composite Transistors
XN0C301
fT — IE
Cob — VCB
NF — IE
NF — IE
h Parameter — IE
h Parameter — VCE
Characteristics charts of Tr2
IC — VCE
IB — VBE
IC — VBE
0
0.1
0.3
40
80
120
160
140
100
60
20
1
3
10
30
100
Emitter current IE (mA)
VCB=–10V
Ta=25˚C
0
–1
– 5
–20
–2
8
7
6
5
4
3
2
1
–3
–50
–10
–30
–100
Collector to base voltage VCB (V)
f=1MHz
IE=0
Ta=25˚C
0
0.01
0.03
6
5
4
3
2
1
0.1
0.3
1
3
10
Emitter current IE (mA)
VCB=–5V
f=1kHz
Rg=2k
Ta=25˚C
0
0.1
20
2
18
4
6
8
10
12
14
16
0.3
1
3
10
2
0.5
0.2
5
Emitter current IE (mA)
VCB=–5V
Rg=50k
Ta=25˚C
f=100Hz
10kHz
1kHz
1
0.1
2
3
5
10
20
30
50
100
200
300
0.3
1
3
10
2
0.5
0.2
5
Emitter current IE (mA)
VCE=–5V
f=270Hz
Ta=25˚C
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10–4)
1
0.1
2
3
5
10
20
30
50
100
200
300
0.3
1
3
10
2
0.5
0.2
5
Collector to emitter voltage VCE (V)
IE=2mA
f=270Hz
Ta=25˚C
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10–4)
0
010
24
8
6
60
50
40
30
20
10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=160
µA
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
20
µA
0
01.0
0.8
0.6
0.4
0.2
1200
1000
800
600
400
200
Base to emitter voltage VBE (V)
VCE=10V
Ta=25˚C
0
02.0
1.6
1.2
0.8
0.4
240
200
160
120
80
40
Base to emitter voltage VBE (V)
VCE=10V
Ta=75˚C
– 25˚C
25˚C


Similar Part No. - XN0C301

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
XN0029E SSDI-XN0029E Datasheet
79Kb / 2P
   2 AMP, 150 Volts NPN Transistor
XN0031J SSDI-XN0031J Datasheet
163Kb / 3P
   0.5 AMP, 800 ??900 Volts NPN Transistor
XN0033J SSDI-XN0033J Datasheet
128Kb / 3P
   1 AMP 1000 Volts NPN Transistor
logo
Panasonic Semiconductor
XN01110 PANASONIC-XN01110 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN01112 PANASONIC-XN01112 Datasheet
77Kb / 3P
   Silicon PNP epitaxial planar type For switching/digital circuits
More results

Similar Description - XN0C301

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN01601 PANASONIC-XN01601 Datasheet
118Kb / 6P
   Silicon PNP epitaxial planer transistor (Tr1) Silicon NPN epitaxial planer transistor (Tr2)
XP05601 PANASONIC-XP05601 Datasheet
64Kb / 5P
   Silicon PNP epitaxial planer transistor (Tr1), Silicon NPN epitaxial planer transistor (Tr2)
logo
Leshan Radio Company
L4601DW1T1 LRC-L4601DW1T1 Datasheet
158Kb / 3P
   Silicon NPN Epitaxial Planer Transistor(Tr1), Silicon PNP Epitaxial Planer Transistor(Tr2)
logo
Panasonic Semiconductor
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
   Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com