Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGT670 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LGT670
Description  Optical Indicator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT670 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LGT670 Datasheet HTML 8Page - OSRAM GmbH LGT670 Datasheet HTML 9Page - OSRAM GmbH LGT670 Datasheet HTML 10Page - OSRAM GmbH LGT670 Datasheet HTML 11Page - OSRAM GmbH LGT670 Datasheet HTML 12Page - OSRAM GmbH LGT670 Datasheet HTML 13Page - OSRAM GmbH LGT670 Datasheet HTML 14Page - OSRAM GmbH LGT670 Datasheet HTML 15Page - OSRAM GmbH LGT670 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2013-06-28
12
Version 1.0 (Replacement in due course)
LG T670
Reflow Soldering Profile
Reflow-Lötprofil
Preconditioning: JEDEC Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C
to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C
to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P to 100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax to TP
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - LGT670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
   Nicht f체r Neuentwicklungen Not for new designs
logo
Siemens Semiconductor G...
LGT670-HK SIEMENS-LGT670-HK Datasheet
496Kb / 8P
   TOPLED
LGT670-J SIEMENS-LGT670-J Datasheet
496Kb / 8P
   TOPLED
LGT670-JM SIEMENS-LGT670-JM Datasheet
496Kb / 8P
   TOPLED
More results

Similar Description - LGT670

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com