Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0900SB Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P0900SB
Description  Thyristor Surge Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P0900SB Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P0900SB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P0900SB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P0900SB Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P0900SB Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P0900SB Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P0900SB Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Characteristics Curves
JunctionTemperature (T J) – °C
-8
-40-20 020406080100 120140 160
-6
-4
0
2
4
6
8
10
12
14
25 °C
25°C
CaseTemperature (T ) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40-20
020406080100 120140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
IH
IT
IS
IDRM
VDRM
VT
+
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak v alue
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x t d Pulse Waveform
V
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170301-P1
Thyristor Surge Suppressors -PxxxxSX Series


Similar Part No. - P0900SB

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0900SB TECCOR-P0900SB Datasheet
423Kb / 2P
   SIDACtor Device
logo
Shenzhen Saite Microele...
P0900SB PHY-P0900SB Datasheet
539Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
Littelfuse
P0900SB LITTELFUSE-P0900SB Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
Shanghai Leiditech Elec...
P0900SB LEIDITECH-P0900SB Datasheet
1Mb / 10P
   Thyristor Surge Suppressors
logo
HuaXinAn Electronics CO...
P0900SB HUAXINAN-P0900SB Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P0900SB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com