Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322LYRU-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD73322LYRU-REEL
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LYRU-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD73322LYRU-REEL Datasheet HTML 3Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 4Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 5Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 6Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 7Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 8Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 9Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 10Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AD73322L
Rev. A | Page 6 of 48
A and Y Versions
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
0.0625
−0.25
dB
0.125
−0.6
dB
0.1875
−1.4
dB
0.25
−2.8
dB
0.3125
− 4.5
dB
0.375
−7.0
dB
0.4375
−9.5
dB
> 0.5
<−12.5
dB
LOGIC INPUTS
VINH, Input High Voltage
DVDD
− 0.8
DVDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
−10
+10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD
− 0.4
DVDD
V
|IOUT| ≤100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT| ≤100 µA
Three-State Leakage Current
−10
+10
µA
POWER SUPPLIES
AVDD1, AVDD2
2.7
3.3
V
2.7
3.3
V
DVDD IDD9
See Table 2
1 Test conditions: input PGA set for 0 dB gain, output PGA set for 6 dB gain, no load on analog outputs (unless otherwise noted).
2 At input to sigma-delta modulator of ADC.
3 Guaranteed by design.
4 Overall group delay is affected by the sample rate and the external digital filtering.
5 The ADC’s input impedance is inversely proportional to DMCLK and is approximated by (3/3 × 1011)/DMCLK.
6 Between VOUTP1 and VOUTN1 or between VOUTP2 and VOUTN2.
7 At VOUT output.
8 Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of −10 dBm0), with 38 dB
preamplifier bypassed and input gain of 0 dB.
9 Test conditions: no load on digital inputs, analog inputs ac-coupled to ground, no load on analog outputs.
CURRENT SUMMARY
AVDD = DVDD = 3.3 V. These values are in mA and are typical values unless otherwise noted.
Table 2.
Conditions
Analog
Current
Digital
Current
Total
Current (Typ)
Total
Current (Max)
SE
MCLK ON
Comments
ADCs on only
3.4
6.3
9.7
12
1
YES
REFOUT disabled
DACs on only
8.8
6.5
15.3
20
1
YES
REFOUT disabled
ADCs and DACs on
11.6
7.0
18.6
23
1
YES
REFOUT disabled
ADCs and DACs and
Input amps on
13.8
7.0
20.8
26
1
YES
REFOUT disabled
ADCs and DACs and
AGT on
13.2
7.0
20.2
26
1
YES
REFOUT disabled
All sections on
17.2
7.0
24.2
31
1
YES
REFCAP on only
0.65
0
0.67
1.25
0
NO
REFOUT disabled
REFCAP and REFOUT
On only
2.56
0
2.57
4.5
0
NO
All sections off
0
1.25
1.25
1.8
0
YES
MCLK active levels equal
to 0 V and DVDD
All sections off
0 µA
12.5 µA
12.7 µA
40 µA
0
NO
Digital inputs static and
Equal to 0 V or DVDD


Similar Part No. - AD73322LYRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LYRU AD-AD73322LYRU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LYRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com