Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322LYR Datasheet(PDF) 20 Page - Analog Devices

Part # AD73322LYR
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LYR Datasheet(HTML) 20 Page - Analog Devices

Back Button AD73322LYR Datasheet HTML 16Page - Analog Devices AD73322LYR Datasheet HTML 17Page - Analog Devices AD73322LYR Datasheet HTML 18Page - Analog Devices AD73322LYR Datasheet HTML 19Page - Analog Devices AD73322LYR Datasheet HTML 20Page - Analog Devices AD73322LYR Datasheet HTML 21Page - Analog Devices AD73322LYR Datasheet HTML 22Page - Analog Devices AD73322LYR Datasheet HTML 23Page - Analog Devices AD73322LYR Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
AD73322L
Rev. A | Page 19 of 48
The SPORT block diagram shown in Figure 19 details the
blocks associated with Codecs 1 and 2, including the eight
control registers (A–H), external MCLK to internal DMCLK
divider, and serial clock divider. The divider rates are controlled
by the setting of Control Register B. The AD73322L features a
master clock divider that allows users the flexibility of dividing
externally available high frequency DSP or CPU clocks to
generate a lower frequency master clock internally in the codec,
which may be more suitable for either serial transfer or
sampling rate requirements. The master clock divider has five
divider options (÷1 default condition, ÷2, ÷3, ÷4, ÷5) that are
set by loading the master clock divider field in Register B with
the appropriate code (see ). Once the internal device master
clock (DMCLK) has been set using the master clock divider, the
sample rate and serial clock settings are derived from DMCLK.
The SPORT can work at four different serial clock (SCLK) rates
chosen from DMCLK, DMCLK/2, DMCLK/4, or DMCLK/8,
where DMCLK is the internal or device master clock resulting
from the external or pin master clock being divided by the
master clock divider.
SPORT REGISTER MAPS
There are two register banks for each codec in the AD73322L,
the control register bank and the data register bank. The control
register bank consists of eight read/write registers, each eight
bits wide. Table 16 shows the control register map for the
AD73322L. The first two control registers, CRA and CRB, are
reserved for controlling the SPORT. They hold settings for
parameters such as serial clock rate, internal master clock rate,
sample rate and device count. As both codecs are internally
cascaded, registers CRA and CRB on each codec must be
programmed with the same setting to ensure correct operation
(this is shown in the programming examples).
The other five registers, CRC through CRH, are used to hold
control settings for the ADC, DAC, reference, power control,
and gain tap sections of the device. It is not necessary for the
contents of CRC through CRH on each codec be similar.
Control registers are written to on the negative edge of SCLK.
The data register bank consists of two, 16-bit registers that are
the DAC and ADC registers.
MASTER CLOCK DIVIDER
The AD73322L features a programmable master clock divider
that allows the user to reduce an externally available master
clock, at pin MCLK, by a ratio of 1, 2, 3, 4, or 5 to produce an
internal master clock signal (DMCLK) that is used to calculate
the sampling and serial clock rates. The master clock divider is
programmable by setting CRB:4-6. Table 12 shows the division
ratio corresponding to the various bit settings. The default
divider ratio is divide-by-one.
Table 12. DMCLK (Internal) Rate Divider Settings
MCD2
MCD1
MCD0
DMCLK Rate
0
0
0
MCLK
0
0
1
MCLK/2
0
1
0
MCLK/3
0
1
1
MCLK/4
1
0
0
MCLK/5
1
0
1
MCLK
1
1
0
MCLK
1
1
1
MCLK
SERIAL CLOCK RATE DIVIDER
The AD73322L features a programmable serial clock divider
that allows users to match the serial clock (SCLK) rate of the
data to that of the DSP engine or host processor. The maximum
SCLK rate available is DMCLK, and the other available rates are
DMCLK/2, DMCLK/4, and DMCLK/8. The slowest rate
(DMCLK/8) is the default SCLK rate. The serial clock divider is
programmable by setting bits CRB:2–3. Table 13 shows the
serial clock rate corresponding to the various bit settings.
Table 13. SCLK Rate Divider Settings
SCD1
SCD0
SCLK Rate
0
0
DMCLK/8
0
1
DMCLK/4
1
0
DMCLK/2
1
1
DMCLK
SAMPLE RATE DIVIDER
The AD73322L features a programmable sample rate divider
that allows users flexibility in matching the codec’s ADC and
DAC sample rates (decimation/interpolation rates) to the needs
of the DSP software. The maximum sample rate available is
DMCLK/256, which offers the lowest conversion group delay,
while the other available rates are DMCLK/512, DMCLK/1024,
and DMCLK/2048. The slowest rate (DMCLK/2048) is the
default sample rate. The sample rate divider is programmable by
setting bits CRB:0-1. Table 14 shows the sample rate
corresponding to the various bit settings.
Table 14. Sample Rate Divider Settings
DIR1
DIR0
SCLK Rate
0
0
DMCLK/2048
0
1
DMCLK/1024
1
0
DMCLK/512
1
1
DMCLK/256


Similar Part No. - AD73322LYR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LYR AD-AD73322LYR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LYRU AD-AD73322LYRU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LYR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com