Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322LYR Datasheet(PDF) 15 Page - Analog Devices

Part # AD73322LYR
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LYR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD73322LYR Datasheet HTML 11Page - Analog Devices AD73322LYR Datasheet HTML 12Page - Analog Devices AD73322LYR Datasheet HTML 13Page - Analog Devices AD73322LYR Datasheet HTML 14Page - Analog Devices AD73322LYR Datasheet HTML 15Page - Analog Devices AD73322LYR Datasheet HTML 16Page - Analog Devices AD73322LYR Datasheet HTML 17Page - Analog Devices AD73322LYR Datasheet HTML 18Page - Analog Devices AD73322LYR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
AD73322L
Rev. A | Page 14 of 48
FUNCTIONAL DESCRIPTIONS
ENCODER CHANNELS
Both encoder channels consist of a pair of inverting op amps
with feedback connections that can be bypassed if required, a
switched capacitor PGA and a sigma-delta analog-to-digital
converter (ADC). An on-board digital filter, which forms part
of the sigma-delta ADC, also performs critical system-level
filtering. Due to the high level of oversampling, the input
antialias requirements are reduced such that a simple single-
pole RC stage is sufficient to give adequate attenuation in the
band of interest.
PROGRAMMABLE GAIN AMPLIFIER
Each encoder section’s analog front end comprises a switched
capacitor PGA, which also forms part of the sigma-delta
modulator. The SC sampling frequency is DMCLK/8. The
PGA, whose programmable gain settings are shown in Table 8,
may be used to increase the signal level applied to the ADC
from low output sources such as microphones, and can be
used to avoid placing external amplifiers in the circuit. The
input signal level to the sigma-delta modulator should not
exceed the maximum input voltage permitted.
The PGA gain is set by bits IGS0, IGS1, and IGS2 (CRD:0–2) in
control register D.
Table 8. PGA Settings for the Encoder Channel
IGS2
IGS1
IGS0
Gain (dB)
0
0
0
0
0
0
1
6
0
1
0
12
0
1
1
18
1
0
0
20
1
0
1
26
1
1
0
32
1
1
1
38
ADC
Both ADCs consist of an analog sigma-delta modulator and a
digital antialiasing decimation filter. The sigma-delta modulator
noise-shapes the signal and produces 1-bit samples at a
DMCLK/8 rate. This bit stream, representing the analog input
signal, is input to the antialiasing decimation filter. The
decimation filter reduces the sample rate and increases the
resolution.
ANALOG SIGMA-DELTA MODULATOR
The AD73322L’s input channels employ a sigma-delta
conversion technique, which provides a high resolution 16-bit
output with system filtering being implemented on-chip.
Sigma-delta converters employ a technique known as
oversampling, where the sampling rate is many times the
highest frequency of interest. In the case of the AD73322L, the
initial sampling rate of the sigma-delta modulator is DMCLK/8.
The main effect of oversampling is that the quantization noise is
spread over a very wide bandwidth, up to FS/2 = DMCLK/16
(Figure 13). This means that the noise in the band of interest is
much reduced. Another complementary feature of sigma-delta
converters is the use of a technique called noise-shaping. This
technique has the effect of pushing the noise from the band of
interest to an out-of-band position (Figure 14). The combin-
ation of these techniques, followed by the application of a
digital filter, sufficiently reduces the noise in band to ensure
good dynamic performance from the part (Figure 15).
FS/2
DMCLK/16
DIGITAL FILTER
NOISE SHAPING
A.
BAND
OF
INTEREST
FS/2
DMCLK/16
B.
BAND
OF
INTEREST
FS/2
DMCLK/16
C.
BAND
OF
INTEREST
Figure 12. Sigma-Delta Noise Reduction
Figure 13 through Figure 16 show the various stages of filtering
that are employed in a typical AD73322L application. Figure 13
shows the transfer function of the external analog antialias
filter. Even though it is a single RC pole, its cutoff frequency
is sufficiently far away from the initial sampling frequency
(DMCLK/8) that it takes care of any signals that could be
aliased by the sampling frequency. This also shows the major
difference between the initial oversampling rate and the band-
width of interest. In Figure 14, the signal and noise-shaping
responses of the sigma-delta modulator are shown. The
signal response provides further rejection of any high
frequency signals, while the noise-shaping pushes the inherent
quantization noise to an out-of-band position. The detail of


Similar Part No. - AD73322LYR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LYR AD-AD73322LYR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LYRU AD-AD73322LYRU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LYR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com