Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7879EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD7879EBZ
Description  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7879EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD7879EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 11 of 40
1400
1200
1000
800
600
400
200
0
2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
VCC (V)
Figure 19. Temperature Code vs. VCC for 25°C
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY (Hz)
SNR = 61.58dB
THD = 72.34dB
Figure 20. Typical FFT Plot for the Auxiliary Channels at a 25 kHz Sampling
Rate and a 1 kHz Input Frequency
250
200
150
100
50
0
–4
–3
–2
–1
0
ERROR (%)
MEAN: –1.98893
SD: 0.475534
Figure 21. Typical Uncalibrated Accuracy for the Battery Channel (25°C)


Similar Part No. - EVAL-AD7879EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7879EBZ AD-EVAL-AD7879EBZ Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
EVAL-AD7879EBZ AD-EVAL-AD7879EBZ Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
More results

Similar Description - EVAL-AD7879EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com