Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322LARUZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # AD73322LARUZ1
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LARUZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD73322LARUZ1 Datasheet HTML 8Page - Analog Devices AD73322LARUZ1 Datasheet HTML 9Page - Analog Devices AD73322LARUZ1 Datasheet HTML 10Page - Analog Devices AD73322LARUZ1 Datasheet HTML 11Page - Analog Devices AD73322LARUZ1 Datasheet HTML 12Page - Analog Devices AD73322LARUZ1 Datasheet HTML 13Page - Analog Devices AD73322LARUZ1 Datasheet HTML 14Page - Analog Devices AD73322LARUZ1 Datasheet HTML 15Page - Analog Devices AD73322LARUZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
AD73322L
Rev. A | Page 11 of 48
Mnemonic
Function
SCLK
Serial Clock Output. This rate determines the serial transfer rate to/from the codec. It is used to clock data or control
information to and from the serial port (SPORT). The frequency of SCLK is equal to the frequency of the master clock (MCLK)
divided by an integer number—this integer number being the product of the external master clock rate divider and the serial
clock rate divider.
MCLK
Master Clock Input. MCLK is driven from an external clock signal.
SDO
Serial Data Output. Both data and control information may be output on this pin and are clocked on the positive edge of
SCLK. SDO is in three-state when no information is being transmitted and when SE is low.
SDOFS
Framing Signal Output for SDO Serial Transfers. The frame sync is one bit wide and is active one SCLK period before the first
bit (MSB) of each output word. SDOFS is referenced to the positive edge of SCLK. SDOFS is in three-state when SE is low.
SDIFS
Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and is valid one SCLK period before the first bit
(MSB) of each input word. SDIFS is sampled on the negative edge of SCLK and is ignored when SE is low.
SDI
Serial Data Input. Both data and control information may be input on this pin and are clocked on the negative edge of SCLK.
SDI is ignored when SE is low.
SE
SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the output pins of the SPORT are
three-stated and the input pins are ignored. SCLK is also disabled internally in order to decrease power dissipation. When SE is
brought high, the control and data registers of the SPORT are at their original values (before SE was brought low); however,
the timing counters and other internal registers are at their reset values.
AGND1
Analog Ground/Substrate Connection.
AVDD1
Analog Power Supply Connection.
VOUTP2
Analog Output from the Positive Terminal of Output Channel 2.
VOUTN2
Analog Output from the Negative Terminal of Output Channel 2.
VOUTP1
Analog Output from the Positive Terminal of Output Channel 1.
VOUTN1
Analog Output from the Negative Terminal of Output Channel 1.
VINP2
Analog Input to the inverting input amplifier on Channel 2’s positive input.
VFBP2
Feedback connection from the output of the inverting amplifier on Channel 2’s positive input. When the input amplifiers are
bypassed, this pin allows direct access to the positive input of Channel 2’s sigma-delta modulator.
VINN2
Analog Input to the inverting input amplifier on Channel 2’s negative input.
VFBN2
Feedback connection from the output of the inverting amplifier on Channel 2’s negative input. When the input amplifiers are
bypassed, this pin allows direct access to the negative input of Channel 2’s sigma-delta modulator.


Similar Part No. - AD73322LARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LARU AD-AD73322LARU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322LARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com