Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7877ACBZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7877ACBZ-REEL7
Description  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877ACBZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7877ACBZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7877ACBZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Touch Screen Controller
Data Sheet
AD7877
FEATURES
4-wire touch screen interface
LCD noise reduction feature (STOPACQ pin)
Automatic conversion sequencer and timer
User-programmable conversion parameters
On-chip temperature sensor: −40°C to +85°C
On-chip 2.5 V reference
On-chip 8-bit DAC
3 auxiliary analog inputs
1 dedicated and 3 optional GPIOs
2 direct battery measurement channels (0.5 V to 5 V)
3 interrupt outputs
Touch-pressure measurement
Wake up on touch function
Specified throughput rate of 125 kSPS
Single supply, VCC of 2.7 V to 5.25 V
Separate VDRIVE level for serial interface
Shutdown mode: 1 µA maximum
32-lead, LFCSP, 5 mm × 5 mm package
25-ball,WLCSP, 2.5 mm × 2.8 mm package
Qualified for automotive applications
APPLICATIONS
Personal digital assistants
Smart hand-held devices
Touch screen monitors
Point-of-sale terminals
Medical devices
Cell phones
Pagers
FUNCTIONAL BLOCK DIAGRAM
19
DIN
26
DCLK
27
DOUT
28
VDRIVE
18
CS
23
DAV
CONTROL LOGIC AND SERIAL PORT
DAC
REGISTER
CONTROL
REGISTERS
GPIO
REGISTERS
ALERT STATUS/
MASK REGISTER
LIMIT
REGISTERS
LIMIT
COMPARATOR
RESULTS
REGISTERS
SEQUENCER
8-BIT
DAC
29
ARNG
30
AOUT
4
AUX3/GPIO3
5
AUX2/GPIO2
6
AUX1/GPIO1
31
VREF
PEN INTERRUPT
AND WAKE-UP
ON TOUCH
17
PENIRQ
ALERT
LOGIC
22
ALERT
STOP
ACQ
LOGIC
20
STOPACQ
14
AGND
15
DGND
21
GPIO4
2.5V
REF
BUF
TO
GPIO1-3
12-BIT SUCCESSIVE
APPROXIMATION ADC
WITH TRACK-AND-HOLD
CLOCK
9 TO 1
INPUT
MUX
TEMPERATURE
SENSOR
2
BAT2
BATTERY
MONITOR
3
BAT1
BATTERY
MONITOR
11
Y–
13
Y+
10
X–
12
X+
7
VCC
REF–
IN
REF+
DUAL 3-1
MUX
X– Y– GND X+ Y+ VREF
AD7877
Figure 1.
GENERAL DESCRIPTION
The AD7877 is a 12-bit, successive approximation ADC with a
synchronous serial interface and low on resistance switches for
driving touch screens. The AD7877 operates from a single 2.7 V
to 5.25 V power supply (functional operation to 2.2 V), and
features throughput rates of 125 kSPS. The AD7877 features
direct battery measurement on two inputs, temperature and
touch-pressure measurement.
The AD7877 also has an on-board reference of 2.5 V. When not
in use, it can be shut down to conserve power. An external
reference can also be applied and varied from 1 V to +VCC, with
an analog input range of 0 V to VREF. The device includes a
shutdown mode that reduces its current consumption to less
than 1 µA.
To reduce the effects of noise from LCDs, the acquisition phase
of the on-board ADC is controlled via the STOPACQ pin. User-
programmable conversion controls include variable acquisition
time and first conversion delay. Up to 16 averages can be taken
per conversion. There is also an on-board DAC for LCD back-
light or contrast control. The AD7877 runs in either slave or
master mode using a conversion sequencer and timer. It is ideal
for battery-powered systems such as personal digital assistants
with resistive touch screens and other portable equipment.
The part is available in a 32-lead lead frame chip scale package
(LFCSP), and a 25-ball wafer level chip scale package (WLCSP).
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD7877ACBZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7877ACP-500RL7 AD-AD7877ACP-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL AD-AD7877ACP-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL7 AD-AD7877ACP-REEL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACPZ-500RL7 AD-AD7877ACPZ-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACPZ-REEL AD-AD7877ACPZ-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results

Similar Description - AD7877ACBZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com