Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322L Datasheet(PDF) 30 Page - Analog Devices

Part # AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322L Datasheet(HTML) 30 Page - Analog Devices

Back Button AD73322L Datasheet HTML 26Page - Analog Devices AD73322L Datasheet HTML 27Page - Analog Devices AD73322L Datasheet HTML 28Page - Analog Devices AD73322L Datasheet HTML 29Page - Analog Devices AD73322L Datasheet HTML 30Page - Analog Devices AD73322L Datasheet HTML 31Page - Analog Devices AD73322L Datasheet HTML 32Page - Analog Devices AD73322L Datasheet HTML 33Page - Analog Devices AD73322L Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
AD73322L
Rev. A | Page 29 of 48
PERFORMANCE
Because the AD73322L is designed to provide high perfor-
mance and low cost conversion, it is important to understand
how high performance can be achieved in a typical application.
By means of spectral graphs, this section outlines the typical
performance of the device and highlights some of the options
available to users in achieving their desired sample rate, either
directly in the device or by doing some post-processing in the
DSP, while also showing the advantages and disadvantages of
the different approaches.
ENCODER SECTION
The AD73322L offers a variable sampling rate from a fixed
MCLK frequency—with 64 kHz, 32 kHz, 16 kHz, and 8 kHz
being available with a 16.384 MHz external clock. Each of
these sampling rates preserves the same sampling rate in the
ADC’s sigma-delta modulator, which ensures that the noise
performance is optimized in each case. The examples that
follow show the performance of a 1 kHz sine wave when
converted at the various sample rates.
The range of sampling rates is aimed to offer the user a degree
of flexibility in deciding how the analog front end is to be
implemented. The high sample rates of 64 kHz and 32 kHz are
suited to those applications, such as active control, where low
conversion group delay is essential. On the other hand, the
lower sample rates of 16 kHz and 8 kHz are better suited for
applications such as telephony, where the lower sample rates
result in lower DSP overhead.
Figure 29 shows the spectrum of the 1 kHz test tone sampled
at 64 kHz. The plot shows the characteristic shaped noise floor
of a sigma-delta converter, which is initially flat in the band of
interest but then rises with increasing frequency. If a suitable
digital filter is applied to this spectrum, the noise floor can be
eliminated in the higher frequencies. This signal can then be
used in DSP algorithms or can be further processed in a
decimation algorithm to reduce the effective sample rate.
Figure 26 shows the resulting spectrum following the filtering
and decimation of the spectrum of Figure 25 from 64 kHz to
an 8 kHz rate.
The AD73322L also features direct sampling at the lower rate of
8 kHz. This is achieved by the use of extended decimation
registers within the decimator block, which allows for the
increased word growth associated with the higher effective
oversampling ratio. Figure 27 details the spectrum of a 1 kHz
test tone converted at an 8 kHz rate.
The device features an on-chip, master clock divider circuit that
allows the sample rate to be reduced because the sampling rate
of the sigma-delta converter is proportional to the output of the
MCLK Divider (whose default state is divide-by-one).
The decimator’s frequency response (Sinc3) gives some pass-
band attenuation (up to FS/2) which continues to roll off above
the Nyquist frequency. If it is required to implement a digital
filter to create a sharper cutoff characteristic, it may be prudent
to use an initial sample rate of greater than twice the Nyquist
rate in order to avoid aliasing due to the smooth roll-off of the
sinc3 filter response.
FREQUENCY (Hz)
×104
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
–40
–20
–60
–80
–100
–120
–140
Figure 25. FFT (ADC 64 kHz Sampling)
FREQUENCY (Hz)
4000
0
500
1000
1500
2000
2500
3000
3500
0
–20
–40
–60
–80
–100
–120
Figure 26. FFT (ADC 8 kHz Filtered and Decimated from 64 kHz)
FREQUENCY (Hz)
4000
0
500
1000
1500
2000
2500
3000
3500
0
50
100
150
Figure 27. FFT (ADC 8 kHz Direct Sampling)


Similar Part No. - AD73322L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LAR AD-AD73322LAR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LARU AD-AD73322LARU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LAST AD-AD73322LAST Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LYR AD-AD73322LYR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Similar Description - AD73322L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com