Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322L Datasheet(PDF) 35 Page - Analog Devices

Part # AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322L Datasheet(HTML) 35 Page - Analog Devices

Back Button AD73322L_17 Datasheet HTML 31Page - Analog Devices AD73322L_17 Datasheet HTML 32Page - Analog Devices AD73322L_17 Datasheet HTML 33Page - Analog Devices AD73322L_17 Datasheet HTML 34Page - Analog Devices AD73322L_17 Datasheet HTML 35Page - Analog Devices AD73322L_17 Datasheet HTML 36Page - Analog Devices AD73322L_17 Datasheet HTML 37Page - Analog Devices AD73322L_17 Datasheet HTML 38Page - Analog Devices AD73322L_17 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
AD73322L
Rev. A | Page 34 of 48
INTERFACING TO AN ELECTRET MICROPHONE
Figure 39 details an interface for an electret microphone which
may be used in some voice applications. Electret microphones
typically feature a FET amplifier whose output is accessed on
the same lead which supplies power to the microphone;
therefore, this output signal must be capacitively coupled to
remove the power supply (dc) component. In this circuit, the
AD73322L input channel is being used in single-ended mode
where the internal inverting amplifier provides suitable gain to
scale the input signal relative to the ADC’s full-scale input
range. The buffered internal reference level at REFOUT is used
via an external buffer to provide power to the electret
microphone. This provides a quiet, stable supply for the
microphone. If this is not a concern, then the microphone can
be powered from the system power supply.
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
AD73322L
+6/–15dB
PGA
0/38dB
PGA
GAIN
±1
REFOUT
REFCAP
REFERENCE
VREF
R1
RB
RA
50k
CREFCAP
100pF
C2
ELECTRICITY
PROBE
10
µF
5V
Figure 39. Electret Microphone Interface Circuit
ANALOG OUTPUT
The AD73322L’s differential analog output (VOUT) is produced
by an on-chip differential amplifier. The differential output can
be ac-coupled or dc-coupled directly to a load which can be a
headset or the input of an external amplifier (the specified
minimum resistive load on the output section is 150 Ω.) It is
possible to connect the outputs in either a differential or a
single-ended configuration, but please note that the effective
maximum output voltage swing (peak to peak) is halved in the
case of single-ended connection. Figure 40 shows a simple
circuit providing a differential output with ac coupling. The
capacitors in this circuit (COUT) are optional; if used, their value
can be chosen as follows:
LOAD
OUT
R
fc
C
π
=
2
1
where fC = desired cutoff frequency.
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
AD73322L
+6/–15dB
PGA
GAIN
±1
REFOUT
REFCAP
REFERENCE
CREFCAP
RLOAD
COUT
COUT
Figure 40. Example Circuit for Differential Output
Figure 41 shows an example circuit for providing a single-ended
output with ac coupling. The capacitor of this circuit (COUT) is
not optional if dc current drain is to be avoided.
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
AD73322L
+6/–15dB
PGA
GAIN
±1
REFOUT
REFCAP
REFERENCE
0.1
µF
RLOAD
COUT
Figure 41. Example Circuit for Single-Ended Output


Similar Part No. - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

Similar Description - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com