Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322 Datasheet(PDF) 34 Page - Analog Devices

Part # AD73322
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD73322_17 Datasheet HTML 30Page - Analog Devices AD73322_17 Datasheet HTML 31Page - Analog Devices AD73322_17 Datasheet HTML 32Page - Analog Devices AD73322_17 Datasheet HTML 33Page - Analog Devices AD73322_17 Datasheet HTML 34Page - Analog Devices AD73322_17 Datasheet HTML 35Page - Analog Devices AD73322_17 Datasheet HTML 36Page - Analog Devices AD73322_17 Datasheet HTML 37Page - Analog Devices AD73322_17 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD73322
–33–
REV. B
Digital Interfacing
The AD73322 is designed to easily interface to most common
DSPs. The SCLK, SDO, SDOFS, SDI and SDIFS must be
connected to the DSP’s Serial Clock, Receive Data, Receive
Data Frame Sync, Transmit Data and Transmit Data Frame
Sync pins respectively. The SE pin may be controlled from a
parallel output pin or flag pin such as FL0-2 on the ADSP-21xx
(or XF on the TMS320C5x) or, where SPORT powerdown is
not required, it can be permanently strapped high using a suit-
able pull-up resistor. The RESET pin may be connected to the
system hardware reset structure or it may also be controlled
using a dedicated control line. In the event of tying it to the
global system reset, it is advisable to operate the device in mixed
mode, which allows a software reset, otherwise there is no
convenient way of resetting the device. Figures 38 and 39
show typical connections to an ADSP-218x and TMS320C5x
respectively.
TFS
DT
SCLK
DR
RFS
ADSP-218x
DSP
AD73322
CODEC
SDIFS
SDI
SCLK
SDO
SDOFS
FL0
FL1
RESET
SE
Figure 38. AD73322 Connected to ADSP-218x
FSX
DT
CLKX
DR
FSR
TMS320C5x
DSP
AD73322
CODEC
SDIFS
SDI
SCLK
SDO
SDOFS
XF
RESET
SE
CLKR
Figure 39. AD73322 Connected to TMS320C5x
Cascade Operation
Where it is required to configure a cascade of up to eight codecs
(4 AD73322 dual codecs), it is necessary to ensure that the
timing of the SE and RESET signals is synchronized at each
device in the cascade. A simple D type flip flop is sufficient to
sync each signal to the master clock MCLK, as in Figure 40.
1/2
74HC74
CLK
DQ
DSP CONTROL
TO SE
MCLK
SE SIGNAL SYNCHRONIZED
TO MCLK
1/2
74HC74
CLK
DQ
DSP CONTROL
TO
RESET
MCLK
RESET SIGNAL SYNCHRONIZED
TO MCLK
Figure 40. SE and RESET Sync Circuit for Cascaded
Operation
Connection of a cascade of devices to a DSP, as shown in Fig-
ure 41, is no more complicated than connecting a single device.
Instead of connecting the SDO and SDOFS to the DSP’s Rx
port, these are now daisy-chained to the SDI and SDIFS of the
next device in the cascade. The SDO and SDOFS of the final
device in the cascade are connected to the DSP’s Rx port to
complete the cascade. SE and RESET on all devices are fed
from the signals that were synchronized with the MCLK using
the circuit as described above. The SCLK from only one device
need be connected to the DSP’s SCLK input(s) as all devices
will be running at the same SCLK frequency and phase.
TFS
DT
DR
RFS
AD73322
CODEC
SDIFS
SDI
SCLK
SDO
SDOFS
SCLK
DEVICE 1
MCLK
SE
RESET
AD73322
CODEC
SDIFS
SDI
SCLK
SDO
SDOFS
DEVICE 2
MCLK
SE
RESET
74HC74
Q1
Q2
D1
D2
FL0
FL1
ADSP-218x
DSP
Figure 41. Connection of Two AD73322s Cascaded to
ADSP-218x


Similar Part No. - AD73322_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

Similar Description - AD73322_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com