Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7147WPACPZ-500R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7147WPACPZ-500R7
Description  CapTouch Programmable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147WPACPZ-500R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7147WPACPZ-500R7 Datasheet HTML 5Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 6Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 7Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 8Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 9Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 10Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 11Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 12Page - Analog Devices AD7147WPACPZ-500R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
AD7147
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VCC to GND
−0.3 V to +3.6 V
Analog Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except Supplies1
10 mA
ESD Rating (Human Body Model)
2.5 kV
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP
Power Dissipation
450 mW
θJA Thermal Impedance
135.7°C/W
IR Reflow Peak Temperature
260°C (±0.5°C)
Lead Temperature (Soldering 10 sec)
300°C
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Rev. E | Page 8 of 70


Similar Part No. - AD7147WPACPZ-500R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147A-1ACBZ-RL AD-AD7147A-1ACBZ-RL Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147A-1ACBZ500RL7 AD-AD7147A-1ACBZ500RL7 Datasheet
699Kb / 69P
   CapTouch Programmable Controller
More results

Similar Description - AD7147WPACPZ-500R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com