Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7843ARQ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7843ARQ
Description  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843ARQ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7843ARQ Datasheet HTML 6Page - Analog Devices AD7843ARQ Datasheet HTML 7Page - Analog Devices AD7843ARQ Datasheet HTML 8Page - Analog Devices AD7843ARQ Datasheet HTML 9Page - Analog Devices AD7843ARQ Datasheet HTML 10Page - Analog Devices AD7843ARQ Datasheet HTML 11Page - Analog Devices AD7843ARQ Datasheet HTML 12Page - Analog Devices AD7843ARQ Datasheet HTML 13Page - Analog Devices AD7843ARQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7843
Rev. B | Page 9 of 20
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
70
55
25
40
10
85
100
115
130
SAMPLE RATE (kHz)
Figure 10. Reference Current vs. Sample Rate
Y+
X+
X–
Y–
4
5
6
7
8
9
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+VCC (V)
Figure 11. Switch-On Resistance vs. +VCC
(X+, Y+: +VCC to Pin; X−, Y−: Pin to GND)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
15
35
55
75
95
115
135
155
175
195
SAMPLING RATE (kSPS)
INL: R = 2k
INL: R = 500
DNL: R = 2k
DNL: R = 500
Figure 12. Maximum Sampling Rate vs. RIN
2
4
6
5
3
8
7
10
9
12
11
14
13
020
–40
–20
40
60
80
TEMPERATURE (°C)
Figure 13. Reference Current vs. Temperature
Y+
X+
X–
Y–
3
4
5
6
7
8
9
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 14. Switch-On Resistance vs. Temperature
(X+, Y+:+VCC to Pin; X−, Y−: Pin to GND)
120
100
80
60
40
20
0
30.0
22.5
7.5
15.0
0
37.5
45.0
52.5
60.0
FREQUENCY (kHz)
fSAMPLE = 125kHz
fIN = 15kHz
SNR = 68.34dB
Figure 15. Auxiliary Channel Dynamic Performance
(fSAMPLE =125 kHz, fINPUT = 15 kHz)


Similar Part No. - AD7843ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7843ARQ AD-AD7843ARQ Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ AD-AD7843ARQ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARQ-REEL AD-AD7843ARQ-REEL Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARQ-REEL7 AD-AD7843ARQ-REEL7 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
More results

Similar Description - AD7843ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com