Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7747 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7747_17 Datasheet HTML 19Page - Analog Devices AD7747_17 Datasheet HTML 20Page - Analog Devices AD7747_17 Datasheet HTML 21Page - Analog Devices AD7747_17 Datasheet HTML 22Page - Analog Devices AD7747_17 Datasheet HTML 23Page - Analog Devices AD7747_17 Datasheet HTML 24Page - Analog Devices AD7747_17 Datasheet HTML 25Page - Analog Devices AD7747_17 Datasheet HTML 26Page - Analog Devices AD7747_17 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD7747
Rev. 0 | Page 22 of 28
The CAPDAC can be understood as a negative capacitance
connected internally to the CIN pin. There are two independent
CAPDACs, one connected to the CIN(+) and the second con-
nected to the CIN(−). The relation between the capacitance
input and output data can be expressed as
() (
))
(
)
(
+
CAPDAC
C
CAPDAC
C
DATA
Y
X
The CAPDACs have a 6-bit resolution, monotonic transfer
function, are well matched to each other, and have a defined
temperature coefficient. The CAPDAC full range (absolute
value) is not factory calibrated and can vary up to ±20% with
the manufacturing process. See the Specifications section and
Figure 16 of the typical performance characteristics.
SINGLE-ENDED CAPACITIVE CONFIGURATION
The AD7747 can be used for interfacing to a single-ended
capacitive sensor. In this configuration the sensor should be
connected to one of the AD7747 CIN pins, for example CIN(+)
and the other pin should be left open circuit. Note that the
CAPDIFF bit in the Cap Setup register must be set to 1 at all
times for the correct operation.
It is recommended to guard the unused CIN input with the
active shield to ensure the best performance in terms of noise,
offset, and offset drift.
The CDC (without using the CAPDACs) measure the positive
(or the negative) input capacitance in the range of 0 pF to 8 pF
(see Figure 27).
CAPDIFF = 1
0...8pF
CDC
SHLD
CIN(+)
CIN(–)
CX
0...8pF
CAPDAC(+)
OFF
CAPDAC(–)
OFF
0x800000
TO
0xFFFFFF
DATA
Figure 27. CDC Single-Ended Input Configuration
The CAPDAC can be used for programmable shifting of the
input range. The example in Figure 28 shows how to use the full
±8 pF CDC span to measure capacitance between 0 pF to 16 pF.
CAPDIFF = 1
±8pF
CDC
CAPDAC(+)
8pF
CAPDAC(–)
0pF
SHLD
CIN(+)
CIN(–)
CX
0...16pF
0x000000
TO
0xFFFFFF
DATA
Figure 28. Using CAPDAC in Single-Ended Configuration
Figure 29 shows how to shift the input range further, up to
25 pF absolute value of capacitance connected to the CIN(+).
CAPDIFF = 1
±8pF
CDC
CAPDAC(+)
17pF
CAPDAC(–)
0pF
SHLD
CIN(+)
CIN(–)
0x000000
TO
0xFFFFFF
CX
9...25pF
(17pF ± 8pF)
DATA
Figure 29. Using CAPDAC in Single-Ended Configuration
DIFFERENTIAL CAPACITIVE CONFIGURATION
When the AD7747 is used for interfacing to a differential
capacitive sensor, each of the two input capacitances, CX and CY,
must be less than 8 pF (without using the CAPDACs) or must
be less than 25 pF and balanced by the CAPDACs. Balancing
by the CAPDACs means that both CX − CAPDAC(+) and
CY − CAPDAC(−) are less than 8 pF.
If the unbalanced capacitance connected to CIN pins is higher
than 8 pF, the CDC introduces a gain error, an offset error, and
nonlinearity error.
See the examples shown in Figure 30, Figure 31, and Figure 32.
CAPDIFF = 1
±8pF
CDC
CX
0...8pF
CY
CAPDAC(+)
OFF
CAPDAC(–)
OFF
SHLD
CIN(+)
CIN(–)
0x000000
TO
0xFFFFFF
DATA
0...8pF
Figure 30. CDC Differential Input Configuration
0x000000
TO
0xFFFFFF
DATA
CAPDIFF = 1
±8pF
CDC
CAPDAC(+)
17pF
CAPDAC(–)
17pF
CX
13...21pF
(17pF ± 4pF)
CY
13...21pF
SHLD
CIN(+)
CIN(–)
(17pF ± 4pF)
Figure 31. Using CAPDAC in Differential Configuration


Similar Part No. - AD7747_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Similar Description - AD7747_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com