Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7147A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7147A
Description  CapTouch Programmable Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147A Datasheet(HTML) 1 Page - Analog Devices

  AD7147A Datasheet HTML 1Page - Analog Devices AD7147A Datasheet HTML 2Page - Analog Devices AD7147A Datasheet HTML 3Page - Analog Devices AD7147A Datasheet HTML 4Page - Analog Devices AD7147A Datasheet HTML 5Page - Analog Devices AD7147A Datasheet HTML 6Page - Analog Devices AD7147A Datasheet HTML 7Page - Analog Devices AD7147A Datasheet HTML 8Page - Analog Devices AD7147A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
CapTouch Programmable Controller for
Single-Electrode Capacitance Sensors
AD7147A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable capacitance-to-digital converter (CDC)
Femtofarad (fF) resolution
13 capacitance sensor inputs
9 ms update rate, all 13 sensor inputs
No external RC components required
Automatic conversion sequencer
On-chip automatic calibration logic
Automatic compensation for environmental changes
Automatic adaptive threshold and sensitivity levels
Register map is compatible with the AD714x
On-chip RAM to store calibration data
Serial peripheral interface (SPI) (AD7147A)
I2C-compatible serial interface (AD7147A-1)
Separate VDRIVE level for serial interface
Interrupt output and general-purpose input/output (GPIO)
25-ball, 2.3 mm × 2.1 mm WLCSP
2.6 V to 3.6 V supply voltage
Low operating current
Full power mode: 1 mA
Low power mode: 28.96 μA
APPLICATIONS
Cell phones
Personal music and multimedia players
Smart handheld devices
Television, A/V, and remote controls
Gaming consoles
Digital still cameras
GENERAL DESCRIPTION
The AD7147A CapTouch™ controller is designed for use with
capacitance sensors implementing functions such as buttons,
scroll bars, and wheels. The sensors need only one PCB layer,
enabling ultrathin applications.
The AD7147A is an integrated CDC with on-chip environmen-
tal calibration. The CDC has 13 inputs channeled through a
switch matrix to a 16-bit, 250 kHz sigma-delta (Σ-Δ) converter.
The CDC is capable of sensing changes in the capacitance of the
external sensors and uses this information to register a sensor
activation. By programming the registers, the user has full control
over the CDC setup.
High resolution sensors require minor software to run on the
host processor and may require two PCB layers.
FUNCTIONAL BLOCK DIAGRAM
CALIBRATION
ENGINE
SERIAL INTERFACE
AND CONTROL LOGIC
CALIBRATION
RAM
POWER-ON
RESET LOGIC
INTERRUPT
AND GPIO
LOGIC
EXCITATION
SOURCE
ACSHIELD VCC
GND
BIAS
CONTROL
AND DATA
REGISTERS
16-BIT
Σ-Δ
CDC
D3
CIN0
A3
CIN1
B3
CIN2
A4
CIN3
C3
CIN4
A5
CIN5
B4
CIN6
B5
CIN7
C4
CIN8
C5
CIN9
D4
CIN10
D5
CIN11
E5
CIN12
VDRIVE
GPIO
E4
D2
E2
E3
A2
C2
E1
D1
C1
B1
A1
SDO
(SDA)
SDI
(ADD0)
SCLK
CS
(ADD1)
INT
AD7147A
B2
TP
NOTES
1. PIN NAMES IN PARENTHESES ARE FOR THE AD7147A-1.
Figure 1.
The AD7147A is designed for single electrode capacitance
sensors (grounded sensors). There is an active shield output to
minimize noise pickup in the sensor.
The AD7147A has on-chip calibration logic to compensate for
changes in the ambient environment. The calibration sequence
is performed automatically and at continuous intervals as long
as the sensors are not touched. This ensures that there are no
false or nonregistering touches on the external sensors due to a
changing environment.
The AD7147A has an SPI-compatible serial interface, and the
AD7147A-1 has an I2C®-compatible serial interface. Both parts
have an interrupt output, as well as a GPIO. There is a VDRIVE pin
to set the voltage level for the serial interface independent of VCC.
The AD7147A is available in a 25-ball, 2.3 mm × 2.1 mm
WLCSP and operates from a 2.6 V to 3.6 V supply. The operating
current consumption in low power mode is typically 28.96 μA
for 13 sensors.


Similar Part No. - AD7147A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-500RL7 AD-AD7147ACPZ-500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
More results

Similar Description - AD7147A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com