Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG56A-7011-7D-1012-M1D Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG56A-7011-7D-1012-M1D
Description  automotive relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG56A-7011-7D-1012-M1D Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG56A-7011-7D-1012-M1D Datasheet HTML 1Page - Willow Technologies Ltd DG56A-7011-7D-1012-M1D Datasheet HTML 2Page - Willow Technologies Ltd DG56A-7011-7D-1012-M1D Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DG56A
automotive relays
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protection and
mounting
Coil code
Options 1 & 2
D
G
5
6
A
-
7
0
-
-
-
Series
A
-
40/30A
Contact material
70
-
AgSnO
2
see coil table 1
Contact arrangement
11
-
SPDT (1C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
31
-
SPST-NC (1N/C, 1 Form B)
8U
-
SPST-DM ( 1 Form U)
Cover protection category
3
-
Sealed cover - IP67
7
-
Dust cover - IP54
9
-
Cover with mounting bracket (plastic unless M1 or
S1 option selected)
Connection / mounting
5
-
For PCB
6
-
Flat Blades
D
-
Double 87 flat blades
Options 1
Nil
-
No options
M1 -
Metal bracket
S1
-
Metal bracket & Skirt
Coil Options 2
Nil
-
No options
R
-
Parallel resistor
D
-
Parallel diode +85, -86
DR -
Parallel diode -85, +86 (Standard for diode)
DD -
Double Diodes +86 (See Fig 2 for detail)
Coil Data
Table 1
Coil voltage code
Nominal voltage
(VDC)
Coil resistance
(Ω) ± 10%
Must operate
voltage max.
( VDC)
Maximum
Allowable voltage
( VDC)
Must release
voltage min.
(VDC)
Parallel Resistor
(Ω) ± 5%
(when fitted)
23 °C
85 °C
1006
6
22.5
3.9
10.1
7.6
0.6
180
1012
12
90
7.8
20.2
15.6
1.2
680
1024
24
360
15.6
40.5
31.5
2.4
2700
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG56A 052616JHM Specifications are subject to change without notice. E&OE.


Similar Part No. - DG56A-7011-7D-1012-M1D

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
More results

Similar Description - DG56A-7011-7D-1012-M1D

ManufacturerPart #DatasheetDescription
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com