Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0115CCKW01F Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0115CCKW01F
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0115CCKW01F Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0115CCKW01F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series LP01
Short Body Pushbuttons
D71
D
www.nkkswitches.com
MOUNTING TYPES
C
M
Bushing
.630” (16.0mm) Diameter
This mounting option is
supplied with a steel
hexagon nut with nickel plating.
Snap-in
.681” (17.3mm) Diameter
K
HOUSING
Black
Housing available in black only. The one-piece body and bezel have a matte finish.
Recommended
Panel Thickness:
.079” ~ .256”
(2.0mm ~ 6.5mm)
Recommended
Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Allow .984” (25.0mm) distance from center-to-center
between switches when mounted side-by-side.
Allow .827” (21.0mm) distance from center-to-center
between switches when mounted side-by-side.
W01
CONTACT MATERIALS, RATINGS, & TERMINALS
Silver Contacts
Power Level
Solder Lug/
.110” (2.8mm) Quick Connect
3A @ 125V AC/250V AC; 3A @ 30V DC
(7.3)
.287
Epoxy Seal
(2.8)
.110
(1.2)
.047
(2.0)
.079
Thk = (0.5)
.020
(0.6) R
.024
(16.0)
Dia
.630
(1.7)
.067
(7.5)
.295
(25.0) Min
.984
+ 0.2
– 0.0
+ 0.0
– 0.1
+ 0.1
– 0.0
(1.1)
R
.043
(17.3)
Dia
.681
(18.1)
.713
(21.0) Min
.827
+ 0.2
– 0.0
+ 0.2
– 0.0
+ 0.2
– 0.0
Note: If used at 1A @ 125V AC/250V AC or 1A @ 30V DC,
electrical life will be 100,000 operations minimum.
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Polarity marks are on the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
LEDs are an
integral part
of the switch
and are not
available
separately.
Colors
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.41mA/°C
0.29mA/°C
0.39mA/°C
Ambient Temperature Range
–10°C ~ +50°C
5D
5F
5C
Single Color LED with 1 Element
(+)
(-)
No Code
No Lamp


Similar Part No. - LP0115CCKW01F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0115CCKW01F NKK-LP0115CCKW01F Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW01F NKK-LP0115CCKW01F Datasheet
208Kb / 6P
   Short Body Pushbuttons
More results

Similar Description - LP0115CCKW01F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com