Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0125CCKW01A Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0125CCKW01A
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0125CCKW01A Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0125CCKW01A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series LP01
Short Body Pushbuttons
D70
D
www.nkkswitches.com
TYPICAL SWITCH ORDERING EXAMPLE
LP01
White Cap
SPDT
ON-(ON) Circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LP0115CCKW015CB
5C
Red LED
C
B
Black Housing
Bushing Mount
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
Cap Color
A
Black with
Spot Illumination
B
White
K
LEDs
5C
Red
5D
Amber
5F
Green
C
5
1
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal markings “COM, NO, NC, L,
+ and – ” are actually on the switch;
terminal numbers are not on the switch.
SP
LP0115
ON
(ON)
1-3
1-2
SPDT
DP
LP0125
ON
(ON)
1-3
4-6
1-2
4-5
DPDT
POLES & CIRCUIT
1
32
(COM)
4
6
1
32
5
(COM)
L (+)
(-) L
L (+)
(-) L
W01
Mounting Types
C
Bushing
M
Snap-in
Nonilluminated
No
Code Nonilluminated
Nonilluminated Cap Colors
A
Black
C
Red
F
Green
Poles
1
SPDT
2
DPDT
Contacts & Terminals
W01
Silver Rated
3A @ 125V AC/250V AC
Solder Lug/
Quick Connect Terminals
Circuit
5
ON
(ON)
( ) = Momentary
Housing
K
Black
IMPORTANT:
Switches are supplied without UL & cULus markings unless
specified. UL & cULus recognized only when ordered with
marking on switch. Specific models, ratings, & ordering
instructions are noted on the General Specifications page.
Spot illuminated switches do not have UL approval and
cannot be ordered with the markings.


Similar Part No. - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
208Kb / 6P
   Short Body Pushbuttons
More results

Similar Description - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com