Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6010XS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TUA6010XS
Description  Wireless Components
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6010XS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TUA6010XS Datasheet HTML 6Page - Infineon Technologies AG TUA6010XS Datasheet HTML 7Page - Infineon Technologies AG TUA6010XS Datasheet HTML 8Page - Infineon Technologies AG TUA6010XS Datasheet HTML 9Page - Infineon Technologies AG TUA6010XS Datasheet HTML 10Page - Infineon Technologies AG TUA6010XS Datasheet HTML 11Page - Infineon Technologies AG TUA6010XS Datasheet HTML 12Page - Infineon Technologies AG TUA6010XS Datasheet HTML 13Page - Infineon Technologies AG TUA6010XS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Functional Description
3 - 3
TUA 6010XS
preliminary
Wireless Components
Specification, August 1999
3.2 Pin Definition and Function
Table 3-1 Pin Definition and Function
Pin No.
Symbol
Function
1
2
MIXU
MIXUx
UHF mixer input, low-impedance, symmetri-
cal to MIXUx
UHF mixer input, low-impedance, symmetri-
cal to MIXU
3
4
MIXV
MIXVx
VHF or HYPER mixer input, low-imped-
ance, symmetrical to MIXVx
VHF or HYPER mixer input, low-imped-
ance, symmetrical to MIXV
5
VVCCA
Positive supply voltage for analog block
6
CAS
Chip address select
7
8
IFout
IFoutx
Open collector mixer output, high-imped-
ance, symmetrical to IFoutx
Inverse open collector mixer output, high-
impedance, symmetrical to IFout
9
GNDD
Digital Ground
12
34
6
87


Similar Part No. - TUA6010XS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
TUA6012XS SIEMENS-TUA6012XS Datasheet
253Kb / 31P
   Components for Entertainment Electronics
TUA6014-K SIEMENS-TUA6014-K Datasheet
253Kb / 31P
   Components for Entertainment Electronics
TUA6014-S SIEMENS-TUA6014-S Datasheet
253Kb / 31P
   Components for Entertainment Electronics
TUA6014XS SIEMENS-TUA6014XS Datasheet
253Kb / 31P
   Components for Entertainment Electronics
More results

Similar Description - TUA6010XS

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com