Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG56A-7021-95-1024-NILD Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG56A-7021-95-1024-NILD
Description  automotive relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG56A-7021-95-1024-NILD Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG56A-7021-95-1024-NILD Datasheet HTML 1Page - Willow Technologies Ltd DG56A-7021-95-1024-NILD Datasheet HTML 2Page - Willow Technologies Ltd DG56A-7021-95-1024-NILD Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DG56A
automotive relays
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPDT (1 Form C),
SPST-NC (1 Form B), SPST-DM (1 Form U)
Contact material
AgSnO
2
Max. switching voltage
DC
75VDC - current dependent. Contact factory for voltages above 24VDC
Contact rating (resistive)
SPST-NO
SPST-NC
SPDT
SPST-DM
40A (14VDC),
20A (24VDC)
30A (14VDC),
20A (24VDC)
40A / 30A
(14VDC),
20A / 15A (24VDC)
2 x 20A (14VDC),
2 x 15A (24VDC)
Max. switching current (inrush) - make
120A
45A
120A / 45A
40A
Rated power
630W
Min. switching current
100mA/6VDC
Initial contact resistance
≤30mΩ, max. at 0.1A/6VDC (IEC 61810-7 / 4.12)
Coil
Rated voltage
DC
6, 12, 24
Operating range of supply voltage
See coil table 1
Rated power consumption
1.6W (1.8W with resistor)
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH, 25°C (IEC61810-5 / Item 7)
Dielectric strength
coil to contact
750Vrms / 1 min (IEC 60255-5 Item 6)
contact to contact
500Vrms / 1 min (IEC 60255-5 Item 6)
General Data
Operating time
≤7msec
Release time
≤5msec
Electrical Life
ops
1 x 105 (IEC61810-7 / Item 4.30)
Mechanical life
ops
1 x 107 (IEC61810-7 / Item 4.31)
Dimensions
L x W x H
26.5 x 26.5 x 24.5mm (excluding terminals) - see drawings for more information
Weight
31 - 36g approx. depending on style and mounting
Ambient temperature
operating
-40 to 125°C (Derate above 85’C - consult factory)
storage
-40 to 155°C
Shock resistance
Destructive
196m/s2(20g)
Functional
98m/s2(10g)
Vibration resistance
1.5mm, 10 to 40Hz
Cover protection category
IP54 Dust cover, IP67 Fully sealed (optional)
• General purpose automotive or industrial relays.
• Ideal for DC motor control or lights.
• Heated windows, sunroof motors, vehicle alarms
• Sn plated, copper terminals for high continuous
DC current capacity.
• Industry standard Mini-ISO terminals.
• PCB versions available.
• RoHS Compliant.
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG56A 052616JHM Specifications are subject to change without notice. E&OE.


Similar Part No. - DG56A-7021-95-1024-NILD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
More results

Similar Description - DG56A-7021-95-1024-NILD

ManufacturerPart #DatasheetDescription
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com