Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3A475K020C5000AS Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TP3A475K020C5000AS
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A475K020C5000AS Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TP3A475K020C5000AS Datasheet HTML 7Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 8Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 9Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 10Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 11Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 12Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 13Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 14Page - Vishay Siliconix TP3A475K020C5000AS Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
11
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C
6.8
C
TP3C685(1)035(2)1800AS
2.4
6
1.800
0.25
6.8
C
TP3C685(1)035(2)0475AS
2.4
6
0.475
0.48
6.8
D
TP3D685(1)035(3)1800AS
2.4
6
1.800
0.37
6.8
D
TP3D685(1)035(3)1100AS
2.4
6
1.100
0.37
6.8
D
TP3D685(1)035(3)0300AS
2.4
6
0.300
0.71
10
C
TP3C106(1)035(2)1600AS
3.5
6
1.600
0.26
10
C
TP3C106(1)035(2)0450AS
3.5
6
0.450
0.49
10
D
TP3D106(1)035(3)0800AS
3.5
6
0.800
0.43
10
D
TP3D106(1)035(3)0300AS
3.5
6
0.300
0.71
10
D
TP3D106(1)035(3)0250AS
3.5
6
0.250
0.77
10
D
TP3D106(1)035(3)0135AS
3.5
6
0.135
1.05
15
D
TP3D156(1)035(3)0700AS
5.3
6
0.700
0.46
15
D
TP3D156(1)035(3)0300AS
5.3
6
0.300
0.71
15
D
TP3D156(1)035(3)0260AS
5.3
6
0.260
0.76
15
D
TP3D156(1)035(3)0225AS
5.3
6
0.225
0.82
22
D
TP3D226(1)035(3)0600AS
7.7
6
0.600
0.50
22
D
TP3D226(1)035(3)0300AS
7.7
6
0.300
0.71
22
D
TP3D226(1)035(3)0260AS
7.7
6
0.260
0.76
22
D
TP3D226(1)035(3)0200AS
7.7
6
0.200
0.87
22
E
TP3E226(1)035(3)0600AS
7.7
6
0.600
0.52
22
E
TP3E226(1)035(3)0275AS
7.7
6
0.275
0.77
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.10
A
TP3A104(1)050(2)19R0AS
0.5
4
19.000
0.06
0.10
A
TP3A104(1)050(2)10R0AS
0.5
4
10.000
0.09
0.22
A
TP3A224(1)050(2)15R0AS
0.5
4
15.000
0.07
0.22
B
TP3B224(1)050(2)12R0AS
0.5
4
12.000
0.08
0.22
B
TP3B224(1)050(2)8500AS
0.5
4
8.500
0.10
0.33
B
TP3B334(1)050(2)10R0AS
0.5
4
10.000
0.09
0.33
B
TP3B334(1)050(2)4500AS
0.5
4
4.500
0.14
0.47
B
TP3B474(1)050(2)8400AS
0.5
4
8.400
0.10
0.47
B
TP3B474(1)050(2)4000AS
0.5
4
4.000
0.15
1.0
B
TP3B105(1)050(2)6700AS
0.5
4
6.700
0.11
1.0
C
TP3C105(1)050(2)4600AS
0.5
4
4.600
0.16
1.0
C
TP3C105(1)050(2)1600AS
0.5
4
1.600
0.26
2.2
C
TP3C225(1)050(2)2900AS
1.1
6
2.900
0.20
2.2
C
TP3C225(1)050(2)1500AS
1.1
6
1.500
0.27
2.2
D
TP3D225(1)050(3)2100AS
1.1
6
2.100
0.27
2.2
D
TP3D225(1)050(3)0800AS
1.1
6
0.800
0.43
3.3
C
TP3C335(1)050(2)2500AS
1.7
6
2.500
0.21
3.3
C
TP3C335(1)050(2)1500AS
1.7
6
1.500
0.27
3.3
D
TP3D335(1)050(3)1700AS
1.7
6
1.700
0.30
3.3
D
TP3D335(1)050(3)0800AS
1.7
6
0.800
0.43
4.7
D
TP3D475(1)050(3)1200AS
2.4
6
1.200
0.37
4.7
D
TP3D475(1)050(3)0600AS
2.4
6
0.600
0.50
4.7
D
TP3D475(1)050(3)0300AS
2.4
6
0.300
0.71
6.8
D
TP3D685(1)050(3)0900AS
3.4
6
0.900
0.41
6.8
D
TP3D685(1)050(3)0600AS
3.4
6
0.600
0.50
10
D
TP3D106(1)050(3)0800AS
5.0
6
0.800
0.43
10
D
TP3D106(1)050(3)0550AS
5.0
6
0.550
0.52
10
E
TP3E106(1)050(3)0800AS
5.0
6
0.800
0.45
10
E
TP3E106(1)050(3)0550AS
5.0
6
0.550
0.55
10
E
TP3E106(1)050(3)0300AS
5.0
6
0.300
0.74
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W


Similar Part No. - TP3A475K020C5000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3A475 VISHAY-TP3A475 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Similar Description - TP3A475K020C5000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com