Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG85A-2011-9D-1006-S1NIL Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG85A-2011-9D-1006-S1NIL
Description  automotive / industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG85A-2011-9D-1006-S1NIL Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG85A-2011-9D-1006-S1NIL Datasheet HTML 1Page - Willow Technologies Ltd DG85A-2011-9D-1006-S1NIL Datasheet HTML 2Page - Willow Technologies Ltd DG85A-2011-9D-1006-S1NIL Datasheet HTML 3Page - Willow Technologies Ltd DG85A-2011-9D-1006-S1NIL Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG85 series
automotive / industrial relays
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgNi0.15; AgNi90/10; AgSnOInO; AgCdO
Max. switching voltage
DC
30VDC (current dependent - see Figs 5 & 6 ); DG85F 24VDC
DG85A
DG85B
DG85C
DG85D
DG85F
Max. continuous current
SPST-NO
40A
60A
80A
100A
60A
SPDT (NO/NC)
40A/30A
60A/40A
80A/60A
-
60A/40A
Max. switching current - make3 (AgSnOInO)
SPST-NO
120A
120A
240A
240A
120A
SPDT (NO/NC)
120A/45A
120A/45A
240/180A
-
120A/45A
Max. switching current - break
SPST-NO
40A
60A
80A
100A
60A
SPDT (NO/NC)
40A/30A
60A/40A
80A/60A
-
60A/40A
Min. switching current (DG85A = AgNi, others AgSnOInO)
0.1A 12VDC
0.5A 12VDC 0.5A 12VDC 0.5A 12VDC
0.5A 12VDC
Contact gap
>0.5mm
>0.5mm
>0.5mm
≤1.0mm
>1.0mm
Initial contact resistance
<100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC
6...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC
1.6W; 1.81W with resistor; DG85F, 2.3W
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact
500Vrms, 1min
contact to contact
500Vrms, 1min
General Data
Operating time (typical)
ms
7ms
Release time (typical)
ms
2 ms
Electrical Life2
ops
1 x 105; DG85F only: 5 x 104, 60A/40A, 1 x 105, 40A/20A (NO/NC Contacts )
Mechanical life
ops
1 x 107; DG85F only: 5 x 105
Dimensions
L x W x H
various - see dimensional drawings
Weight
40g approx. depending on style and mounting
Ambient temperature
storage
-40 to 155°C
operating
-40 to 125°C (derate above 85°C - consult factory)
Shock resistance
Functional: 20g 11mS; Destructive: 100g
Vibration resistance
DA 1.27mm 10-40Hz / 40-70Hz:5g / DA 0.5mm 100-500Hz: 10g
• General purpose automotive or industrial relays
• High inrush capabilities
• PCB Mounting option
• Ideal for DC Motor Control
• High continuous DC current capacity- 100A
• Industry standard size and footprint
• DG85F optimised for 24VDC switching
• RoHS Compliant
Ref: DG85 021916JHM
Specifications are liable to change without notice. E&OE
.


Similar Part No. - DG85A-2011-9D-1006-S1NIL

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
More results

Similar Description - DG85A-2011-9D-1006-S1NIL

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
   automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
   automotive / industrial relays
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
logo
Willow Technologies Ltd
DG85M WILLOW-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com