Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3A335K020C4000AS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TP3A335K020C4000AS
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A335K020C4000AS Datasheet(HTML) 3 Page - Vishay Siliconix

  TP3A335K020C4000AS Datasheet HTML 1Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 2Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 3Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 4Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 5Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 6Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 7Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 8Page - Vishay Siliconix TP3A335K020C4000AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
3
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• ESR limits in
Ω shown in parenthesis
Note
(1) Capital letter indicates lead (Pb)-free
22
A (2.90, 2.00)
B (2.00, 0.60)
C (1.80, 0.50)
A (2.50, 1.50)
B (1.90, 0.60, 0.70)
C (1.50, 0.40, 0.345,
0.245)
B (1.90, 0.70.
0.60)
C (1.40, 0.8,
0.375, 0.35)
D (0.80, 0.25)
C (1.10, 0.375)
D (0.70, 0.225,
0.18)
C (1.20, 0.40)
D (0.70, 0.20)
D (0.60, 0.30,
0.26, 0.20)
E (0.60, 0.275)
33
B (2.00)
C (2.0, 1.80,
0.50)
A (2.50, 0.80)
B (1.90, 0.60)
C (1.50, 0.375)
B (1.90, 1.50, 0.60)
C (1.40, 0.60, 0.30)
D (0.80, 0.25)
C (1.10, 0.30)
D (0.70, 0.225)
C (1.00, 0.35)
D (0.70, 0.20)
D (0.70,
0.30, 0.20)
E (0.60,
0.30, 0.20)
47
A (1.60)
B (1.90, 0.60,
0.55, 0.50)
C (1.40, 0.30, 0.25)
D (0.80, 0.20)
B (1.80, 0.60)
C (1.10, 0.30)
D (0.70, 0.20)
C (1.00, 0.30)
D (0.70, 0.20,
0.15, 0.12)
D (0.70, 0.25,
0.20, 0.15)
E (0.60, 0.15)
E (0.60, 0.20)
68
B (1.4)
C (1.4)
B (1.80, 0.55)
C (0.80, 0.275)
D (0.70, 0.20)
C (1.00, 0.275)
D (0.70, 0.15)
D (0.60, 0.15)
100
B (0.9, 1.7)
C (0.80, 0.25)
D (0.70, 0.15,
0.14, 0.13)
C (0.90, 0.25, 0.20)
D (0.60, 0.15, 0.10,
0.08)
D (0.60, 0.15,
0.125)
E (0.60, 0.10)
E (0.50, 0.15)
150
C (0.70, 0.30, 0.20)
D (0.60, 0.15)
D (0.60, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
220
D (0.60, 0.10)
E (0.50, 0.10)
D (0.60, 0.125, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
330
D (0.60, 0.125)
E (0.50, 0.10)
470
E (0.50, 0.10)
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors, for details see FAQ: www.vishay.com/doc?40110.
Call the factory for further explanation.
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
Capacitance
code, pF
Indicates
high performance
(1)
Polarity band (+)
Voltage
code
V 104Z
A Case
Date code
designation
Date code
Vishay marking
Indicates
high performance
(1)
Voltage
Capacitance
μF
Polarity
band (+)
22
P10
XX
2
B, C, D, E Cases


Similar Part No. - TP3A335K020C4000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3A335 VISHAY-TP3A335 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Similar Description - TP3A335K020C4000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com