Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX15-12-12-8 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 20IMX15-12-12-8
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX15-12-12-8 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button 20IMX15-12-12-8 Datasheet HTML 2Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 3Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 4Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 5Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 6Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 7Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 8Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 9Page - Bel Fuse Inc. 20IMX15-12-12-8 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 6 of 19
MELCHER
The Power Partners.
Table 2b: Input Data of IMS15 models; general conditions as in table 2a
Input
24IMS
48IMS
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
Vi
Input voltage range1
TA min – TA max
14
36
36
75
V
Vi nom
Nominal input voltage
Io = 0 – Io nom
24
48
Vi sur
Repetitive surge voltage
Abs. max input (3 s)
50
100
tstartup
Converter
Switch on
Worst case condition at
0.25
0.5
0.25
0.5
s
start-up time 2
SD high
Vi min, Io = Io nom
0.1
0.1
trise
Rise time 2
Vi nom, resistive load
5
5
ms
Io nom, capac. load
10
20
10
20
Ii o
No-load input current
Io = 0, Vi min – Vi max
20
40
10
20
mA
Iirr
Reflected ripple current
Io = 0 – Io nom
30
30
mApp
Iinr p
Inrush peak current 3
Vi = Vi nom
5
4.5
A
C i
Input capacitance
for surge calculation
4
2
µF
VSD
Shut-down voltage
Converter disabled
–10 to 0.7
–10 to 0.7
V
Converter operating
open or 2 – 20
open or 2 – 20
RSD
Shut-down input resistance
approx. 10
approx. 10
k
ISD
Input current, when
Vi min – Vi max
1.2
3
1.2
3
mA
disabled
SD connected to Vi–
fs
Switching frequency
Vi min – Vi max,
approx. 300
approx. 300
kHz
Io = 0 – Io nom
Vi RFI
Input RFI level conducted
EN 55022 4
AA
1
If Vo is set above Vo nom by use of the R or Trim input, Vi min will be proportionately increased.
2
Measured with resistive and max. admissible capacitive load.
3
Source impedance according to ETS 300132-2, version 4.3.
4
Measured with a ceramic capacitor Ci directly across input; output lead length 0.1 m, leads twisted. Double-output models with both
outputs in parallel. Ci is specified in table 11.
5
Input undervoltage lockout at typ. 80% of Vi min.


Similar Part No. - 20IMX15-12-12-8

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX15-12-12-9 POWER-ONE-20IMX15-12-12-9 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
20IMX15-12-12-9 POWER-ONE-20IMX15-12-12-9 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 20IMX15-12-12-8

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com