Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3B686K010C1500 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TR3B686K010C1500
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B686K010C1500 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TR3B686K010C1500 Datasheet HTML 3Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 4Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 5Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 6Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 7Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 8Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 9Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 10Page - Vishay Siliconix TR3B686K010C1500 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
7
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
220
C
TR3C227(1)6R3(2)0300
13.9
14
0.300
0.61
220
C
TR3C227(1)6R3(2)0250
13.9
14
0.250
0.66
220
C
TR3C227(1)6R3(2)0225
13.9
14
0.225
0.70
220
D
TR3D227(1)6R3(4)0150
13.9
8
0.150
1.00
220
D
TR3D227(1)6R3(4)0100
13.9
8
0.100
1.22
220
D
TR3D227(1)6R3(5)0050
13.9
8
0.050
1.73
220
E
TR3E227(1)6R3(4)0150
13.9
8
0.150
1.05
220
E
TR3E227(1)6R3(4)0100
13.9
8
0.100
1.28
220
V
TR3V227(1)6R3(5)0100
13.9
10
0.100
1.12
220
V
TR3V227(1)6R3(5)0150
13.9
10
0.150
0.91
330
D
TR3D337(1)6R3(4)0150
20.8
8
0.150
1.00
330
D
TR3D337(1)6R3(4)0125
20.8
8
0.125
1.10
330
D
TR3D337(1)6R3(4)0100
20.8
8
0.100
1.22
330
D
TR3D337(1)6R3(4)0060
20.8
8
0.060
1.58
330
D
TR3D337(1)6R3(5)0050
20.8
8
0.050
1.73
330
D
TR3D337(1)6R3(5)0045
20.8
8
0.045
1.83
330
D
TR3D337(1)6R3(5)0035
20.8
8
0.035
2.07
330
E
TR3E337(1)6R3(5)0150
20.8
8
0.150
1.05
330
E
TR3E337(1)6R3(4)0100
20.8
8
0.100
1.28
330
E
TR3E337(1)6R3(4)0050
20.8
8
0.050
1.82
330
W
TR3W337(1)6R3(5)0100
20.8
8
0.100
1.58
330
W
TR3W337(1)6R3(5)0060
20.8
8
0.060
2.04
330
W
TR3W337(1)6R3(5)0040
20.8
8
0.040
2.50
470
D
TR3D477(1)6R3(4)0200
29.6
14
0.200
0.87
470
D
TR3D477(1)6R3(4)0150
29.6
14
0.150
1.00
470
D
TR3D477(1)6R3(4)0125
29.6
14
0.125
1.10
470
D
TR3D477(1)6R3(5)0100
29.6
14
0.100
1.22
470
E
TR3E477(1)6R3(4)0100
29.6
10
0.100
1.28
470
E
TR3E477(1)6R3(5)0065
29.6
10
0.065
1.59
470
E
TR3E477(1)6R3(5)0060
29.6
10
0.060
1.66
470
E
TR3E477(1)6R3(5)0050
29.6
10
0.050
1.82
470
W
TR3W477(1)6R3(5)0100
29.6
20
0.100
1.58
470
W
TR3W477(1)6R3(5)0060
29.6
20
0.060
2.04
470
W
TR3W477(1)6R3(5)0050
29.6
20
0.050
2.24
680
E
TR3E687(1)6R3(4)0100
42.8
20
0.100
1.28
1000
E
TR3E108M6R3(4)0200
63.0
30
0.200
0.91
1000
E
TR3E108M6R3(4)0150
63.0
30
0.150
1.05
1000
E
TR3E108M6R3(5)0100
63.0
30
0.100
1.28
1000
W
TR3W108(1)6R3(5)0050
60.0
16
0.050
2.24
10 VDC AT +85 °C; 7 VDC AT +125 °C
2.2
A
TR3A225(1)010(2)6800
0.5
6
6.800
0.11
2.2
A
TR3A225(1)010(2)6000
0.5
6
6.000
0.11
2.2
A
TR3A225(1)010(2)1800
0.5
6
1.800
0.20
4.7
A
TR3A475(1)010(2)3000
0.5
6
3.000
0.16
4.7
A
TR3A475(1)010(2)1500
0.5
6
1.500
0.22
4.7
A
TR3A475(1)010(2)1400
0.5
6
1.400
0.23
4.7
A
TR3A475(1)010(2)1000
0.5
6
1.000
0.27
4.7
B
TR3B475(1)010(2)1400
0.5
6
1.400
0.25
6.8
A
TR3A685(1)010(2)3000
0.7
6
3.000
0.16
6.8
A
TR3A685(1)010(2)1800
0.7
6
1.800
0.20
6.8
B
TR3B685(1)010(2)1300
0.7
6
1.300
0.26
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U


Similar Part No. - TR3B686K010C1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B686 VISHAY-TR3B686 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3B6860040500 VISHAY-TR3B6860040500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3B686100420500 VISHAY-TR3B686100420500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3B686K010C1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com