Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC240-36 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LDC240-36
Description  Active PFC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDC240-36 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LDC240-36 Datasheet HTML 1Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 2Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 3Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 4Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
LDC240 Series
tech.support@psbel.com
Safety Standards & Approvals
UL508 (certified)
EN60950 (reference)
EN50178 (reference)
EMC Standards
Emission
EN55011 (CISPR11)
EN55022 (CISPR22)
EN61000-3-2
Class B
Class B
Class A
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 3
Level 4
Level 2
Protection Degree
EN60529
IP20
Vibration Sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2 g 2 Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
3
Possible with load derating.
Weight
600 g
Dimensions (W x H x D)
40 x 115 x 110 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
2.5 mm², screw type pluggable (24 - 12 AWG)
Case Material
Aluminum
1
AC/DC input
2
DC output (load)
3
Diagnostic Output (dry contact, NC output OK)
4
Green LED: Output OK
5
Red LED: Overload
6
Output voltage adjustment
7
Selectable limitation mode (Hiccup mode, C.C. mode)
INPUT CONNECTION
OUTPUT CONNECTION
Single phase:
L = Line
N = Neutral
= Earth ground
+ = Positive DC
- = Negative DC
DC:
L = + Positive DC
N = - Negative DC
= Earth ground
Signaling:
DC OK: dry contact
NO
COM


Similar Part No. - LDC240-36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC240-12 BEL-LDC240-12 Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-12P BEL-LDC240-12P Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-24 BEL-LDC240-24 Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-24P BEL-LDC240-24P Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-48 BEL-LDC240-48 Datasheet
425Kb / 5P
   High efficiency and very compact size
More results

Similar Description - LDC240-36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC480 BEL-LDC480 Datasheet
598Kb / 4P
   Active PFC
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
   built in active PFC
RACG150 RECOM-RACG150 Datasheet
451Kb / 4P
   Built-in Active PFC
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
logo
ADTech
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
logo
STMicroelectronics
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
   Electronic ballast with active PFC using
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP500-702UH SPI-FSP500-702UH_14 Datasheet
167Kb / 10P
   Active PFC Circuit / Full Range Input
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com