Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMX15 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # IMX15
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX15 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  IMX15 Datasheet HTML 1Page - Bel Fuse Inc. IMX15 Datasheet HTML 2Page - Bel Fuse Inc. IMX15 Datasheet HTML 3Page - Bel Fuse Inc. IMX15 Datasheet HTML 4Page - Bel Fuse Inc. IMX15 Datasheet HTML 5Page - Bel Fuse Inc. IMX15 Datasheet HTML 6Page - Bel Fuse Inc. IMX15 Datasheet HTML 7Page - Bel Fuse Inc. IMX15 Datasheet HTML 8Page - Bel Fuse Inc. IMX15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 3 of 19
MELCHER
The Power Partners.
RoHS-Compliant Models
The type designation of RoHS-compliant models (compliant for the restriction of all six substances) for the IMX/IMY15 Series ends
with "G".
However, in single-output models with 3.3 V or 5.1 V output an extra hyphen (-) is added after the existing "G", which already
signifies a synchronous rectifierSR. This is an exception to our normal nomenclature to identify this type of product, since G is
already used to designate products for higher output current fitted with a synchronous rectifier. Some examples
– 20IMX15-05-8R-G designates a standard version with RoHS compliance for all six substances.
– 20IMX15-05-8RG designates a synchronous rectifierSR version which is not RoHS-compliant.
– 20IMX15-05-8RG-G designates a synchronous rectifierSR version and RoHS compliant for all six substances.
– 20IMX15-05-05-8G designates a double-output model with RoHS compliance for all six substances
– 110IMY15-24-24-8RG designates a double-output model with RoHS compliance for all six substances.
Part Number Description
40 IMX15 - 05 - 8 R G Z -G
xxix
Input voltage range Vi
8.4 to 36 V ...................................................... 20
14 to 36 V ....................................................... 24
16.8 to 75 V .................................................... 40
36 to 75 V ....................................................... 48
50 to 150 V ................................................... 110
Series
IMX15, IMS15, IMY15
Output voltage of output 1 ............................ 03, 05, 12, 15, 24
Hyphen designating double-output models with two
electrically isolated outputs ............................... - 1
Output voltage of output 2 ............................ 03, 05, 12, 15, 24
Operating ambient temperature range TA
–40 6 to 85 °C .................................................. -8 6
–40to 71 °C ..................................................... -9 2
Options and features:
R input and magnetic feedback ....................... R 3
Synchronous rectification ................................ G
Inhibit ................................................................. i 4
Open frame ...................................................... Z
RoHS-compliant for all6 substances ........ G or -G 5
1
Not applicable to -0503 models. They have a common ground.
2
IMS15 models are not recommended for new designs.
3
Standard for single-output and -0503 models
4
Option i replaces the standard shutdown function; see Description of Options.
5
RoHS models with synchronous rectifier end as an exception with -G.
6
Only –25 °C for older -8RGSR models (Rev. < BA); see table 7a.
Note: The sequence of options must follow the order above !
Examples:
20 IM X15-05-05-8G: DC-DC converter, input 9 to 36 V, 2 galvanically isolated outputs each providing 5 V, 1.3 A,
RoHS-compliant
110 IMY15-0503-8RG: DC-DC converter, input 50 to 150 V, 2 outputs with common return providing +5.1 V, 1.5 A and
+3.3 V, 1.5 A, RoHS-compliant. Converter fitted with magnetic feedback for tight output voltage regulation.
Product Marking
The converters without option Z are marked with basic type designation, input and output voltages and currents, applicable safety
approval and recognition marks, patent nos., company logo, date code, and serial number.


Similar Part No. - IMX15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - IMX15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com