Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM3C226K6R3CSZ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TM3C226K6R3CSZ
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM3C226K6R3CSZ Datasheet(HTML) 4 Page - Vishay Siliconix

  TM3C226K6R3CSZ Datasheet HTML 1Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 2Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 3Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 4Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 5Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 6Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 7Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 8Page - Vishay Siliconix TM3C226K6R3CSZ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TM3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
4
Document Number: 40166
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
A
TM3A105(1)016(2)(3)Z
0.25
4
9.30
0.09
1.5
A
TM3A155(1)016(2)(3)Z
0.25
6
6.70
0.11
2.2
A
TM3A225(1)016(2)(3)Z
0.25
6
4.00
11.00
2.2
B
TM3B225(1)016(2)(3)A
0.25
6
4.60
0.14
3.3
A
TM3A335(1)016(2)(3)Z
0.26
6
3.50
0.15
3.3
B
TM3B335(1)016(2)(3)A
0.26
6
3.50
0.16
4.7
A
TM3A475(1)016(2)(3)Z
0.38
6
5.00
0.12
4.7
B
TM3B475(1)016(2)(3)A
0.38
6
2.90
0.17
6.8
B
TM3B685(1)016(2)(3)A
0.54
6
2.50
0.18
10
B
TM3B106(1)016(2)(3)A
0.80
6
2.00
0.21
10
C
TM3C106(1)016(2)(3)A
0.80
6
1.80
0.25
15
B
TM3B156(1)016(2)(3)A
1.20
6
2.00
0.21
15
C
TM3C156(1)016(2)(3)A
1.20
6
0.40
0.52
22
B
TM3B226(1)016(2)(3)A
1.76
6
1.90
0.21
22
C
TM3C226(1)016(2)(3)A
1.76
6
1.40
0.28
22
D
TM3D226(1)016(4)(3)A
1.76
6
0.80
0.43
33
D
TM3D336(1)016(4)(3)A
2.64
6
0.70
0.46
47
C
TM3C476(1)016(2)(3)A
3.76
6
1.00
0.33
47
D
TM3D476(1)016(4)(3)A
3.76
6
0.70
0.46
68
D
TM3D686(1)016(4)(3)A
5.44
6
0.60
0.50
100
D
TM3D107(1)016(4)(3)A
8.00
8
0.60
0.50
100
E
TM3E107(1)016(4)(3)A
8.00
8
0.60
0.52
20 VDC AT +85 °C; 13 VDC AT +125 °C
2.2
B
TM3B225(1)020(2)(3)A
0.25
6
3.50
0.16
3.3
B
TM3B335(1)020(2)(3)A
0.33
6
3.00
0.17
4.7
C
TM3C475(1)020(2)(3)A
0.47
6
2.30
0.22
6.8
B
TM3B685(1)020(2)(3)A
0.68
6
2.50
0.18
6.8
C
TM3C685(1)020(2)(3)A
0.68
6
1.90
0.24
10
C
TM3C106(1)020(2)(3)A
1.00
6
1.70
0.25
22
C
TM3C226(1)020(2)(3)A
2.20
6
1.10
0.32
22
D
TM3D226(1)020(4)(3)A
2.20
6
0.70
0.46
33
D
TM3D336(1)020(4)(3)A
3.30
6
0.70
0.46
47
E
TM3E476(1)020(4)(3)A
4.70
6
0.60
0.52
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: B, S, Z
(4) Termination and packaging: C, E, H, L, V, T


Similar Part No. - TM3C226K6R3CSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM3C226K6R3CBA VISHAY-TM3C226K6R3CBA Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CBZ VISHAY-TM3C226K6R3CBZ Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CZA VISHAY-TM3C226K6R3CZA Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
TM3C226K6R3CZZ VISHAY-TM3C226K6R3CZZ Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
More results

Similar Description - TM3C226K6R3CSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com