Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8R106K016LSA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TM8R106K016LSA
Description  Solid Tantalum Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106K016LSA Datasheet(HTML) 4 Page - Vishay Siliconix

  TM8R106K016LSA Datasheet HTML 1Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 2Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 3Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 4Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 5Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 6Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 7Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 8Page - Vishay Siliconix TM8R106K016LSA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TM8
www.vishay.com
Vishay Sprague
Revision: 09-Mar-17
4
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
1.0
K
TM8K105(1)6R3(2)(3)(6)
0.20
8
20.0
Z, S, B
3.3
M
TM8M335(1)6R3(2)(3)(5)
0.20
8
6.0
Z, S, B
4.7
M
TM8M475(1)6R3(2)(3)(5)
0.20
8
6.0
Z, S, B
10
M
TM8M106(1)6R3(2)(3)(5)
0.32
8
5.0
Z, S, B
15
M
TM8M156(1)6R3(2)(3)(5)
0.47
8
5.0
Z, S, B
15
R
TM8R156(1)6R3(2)(3)(5)
0.47
8
5.0
Z, S, B
33
P
TM8P336(1)6R3(2)(3)(5)
1.00
30
6.0
Z, S, B
47
P
TM8P476(1)6R3(2)(3)(5)
1.50
22
3.0
Z, S, B
47
T
TM8T476(1)6R3(2)(3)(5)
1.50
8
0.5
Z, S, B
10 VDC AT +85 °C; 7 VDC AT +125 °C
1.0
M
TM8M105(1)010(2)(3)(5)
0.20
6
12.0
Z, S, B
2.2
M
TM8M225(1)010(2)(3)(5)
0.20
10
10.0
Z, S, B
3.3
M
TM8M335(1)010(2)(3)(5)
0.20
8
6.0
Z, S, B
4.7
M
TM8M475(1)010(2)(3)(5)
0.24
8
6.0
Z, S, B
3.3
G
TM8G335(1)010(2)(3)(5)
0.20
8
6.0
Z, S, B
7.5
W
TM8W755(1)010(2)(3)(5)
0.38
8
8.0
Z, S, B
6.8
R
TM8R685(1)010(2)(3)(5)
0.34
6
6.0
Z, S, B
10
R
TM8R106(1)010(2)(3)(5)
0.50
8
6.0
Z, S, B
15
R
TM8R156(1)010(2)(3)(5)
0.75
8
5.0
Z, S, B
22
A
TM8A226(1)010(2)(3)(5)
1.10
8
1.5
Z, S, B
47
T
TM8T476(1)010(2)(3)(5)
2.35
8
1.0
Z, S, B
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
M
TM8M105(1)016(2)(3)(5)
0.20
6
12.0
Z, S, B
2.2
M
TM8M225(1)016(2)(3)(5)
0.20
10
10.0
Z, S, B
3.3
R
TM8R335(1)016(2)(3)(5)
0.26
8
8.0
Z, S, B
6.8
R
TM8R685(1)016(2)(3)(5)
0.54
6
6.0
Z, S, B
10
R
TM8R106(1)016(2)(3)(5)
0.80
8
6.0
Z, S, B
10
A
TM8A106(1)016(2)(3)(5)
0.80
8
3.0
Z, S, B
20 VDC AT +85 °C; 13 VDC AT +125 °C
0.33
K
TM8K334(1)020(2)(3)(6)
0.20
6
100.0
Z, S, B
0.68
M
TM8M684(1)020(2)(3)(5)
0.20
6
20.0
Z, S, B
1.0
M
TM8M105(1)020(2)(3)(5)
0.20
6
12.0
Z, S, B
1.0
W
TM8W105(1)020(2)(3)(5)
0.20
8
8.0
Z, S, B
3.3
R
TM8R335(1)020(2)(3)(5)
0.33
8
8.0
Z, S, B
7.5
N
TM8N755(1)020(2)(3)(5)
0.75
8
6.0
Z, S, B
10
A
TM8A106(1)020(2)(3)(5)
1.00
8
3.0
Z, S, B
25 VDC AT +85 °C; 17 VDC AT +125 °C
1.0
R
TM8R105(1)025(2)(3)(5)
0.20
6
10.0
Z, S, B
4.7
P
TM8P475(1)025(2)(3)(5)
0.59
6
6.0
Z, S, B
40 VDC AT +85 °C; 27 VDC AT +125 °C
1.0
P
TM8P105(1)040(2)(3)(5)
0.20
8
10.0
Z, S, B
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz STD.
(
)
AVAILABLE
RELIABILITY
LEVELS
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: E, L, R, C, H, U, A, G, P
(3) Reliability level: Z, S, B
(4) Reliability level: Z only
(5) Surge current: Z, A, B
(6) Surge current: Z only


Similar Part No. - TM8R106K016LSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106K016CBA VISHAY-TM8R106K016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CBB VISHAY-TM8R106K016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSA VISHAY-TM8R106K016CSA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSB VISHAY-TM8R106K016CSB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CZA VISHAY-TM8R106K016CZA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8R106K016LSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com