Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR8P336M010C2500 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TR8P336M010C2500
Description  Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR8P336M010C2500 Datasheet(HTML) 3 Page - Vishay Siliconix

  TR8P336M010C2500 Datasheet HTML 1Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 2Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 3Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 4Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 5Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 6Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 7Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 8Page - Vishay Siliconix TR8P336M010C2500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TR8
www.vishay.com
Vishay Sprague
Revision: 18-Jul-17
3
Document Number: 40114
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
2.5 VDC AT +85 °C; 1.6 VDC AT +125 °C
220
P
TR8P227M2R5C1500
11.0
30
1.50
0.129
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
33
M
TR8M336M004C1500
2.6
30
1.50
0.129
47
M
TR8M476M004C1500
3.8
40
1.50
0.129
100
P
TR8P107M004C1500
4.0
30
1.50
0.173
220
P
TR8P227(1)004C1000
17.6
30
1.00
0.212
220
Q
TR8Q227M004C1200
88.0
80
1.20
0.214
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
10
M
TR8M106(1)6R3C2000
0.6
8
2.00
0.112
15
M
TR8M156M6R3C3000
0.9
20
3.00
0.091
22
M
TR8M226M6R3C1500
2.8
20
1.50
0.129
33
M
TR8M336M6R3C1500
4.2
30
1.50
0.129
100
P
TR8P107M6R3C1500
6.3
30
1.50
0.173
100
A
TR8A107M6R3C0500
6.3
20
0.50
0.390
10 VDC AT +85 °C; 7 VDC AT +125 °C
2.2
M
TR8M225M010C4000
0.5
10
4.00
0.079
4.7
M
TR8M475M010C3000
0.5
6
3.00
0.079
10
M
TR8M106M010C2000
1.0
20
2.00
0.112
15
M
TR8M156(1)010C3000
1.5
30
3.00
0.091
33
P
TR8P336M010C2500
3.3
20
2.50
0.134
47
P
TR8P476M010C0800
4.7
22
0.80
0.237
47
P
TR8P476M010C1000
4.7
22
1.00
0.212
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
M
TR8M105(1)016C9500
0.5
6
9.50
0.050
2.2
M
TR8M225M016C4000
0.5
10
4.00
0.079
4.7
M
TR8M475M016C4000
0.8
8
4.00
0.079
4.7
M
TR8M475M016C9000
0.8
8
9.00
0.053
10
R
TR8R106M016C5000
1.6
8
5.00
0.095
25 VDC AT +85 °C; 17 VDC AT +125 °C
10
A
TR8A106(1)025C2500
2.5
10
2.50
0.173
Note
• Part number definition:
(1) Tolerance: for 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/REEL)
7" REEL
M
4000
R
2500
P
3000
Q
2500
A
2000


Similar Part No. - TR8P336M010C2500

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TR8 TRSYS-TR8 Datasheet
146Kb / 5P
   SILICON TRIACS
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Everlight Electronics C...
TR8 EVERLIGHT-TR8 Datasheet
221Kb / 10P
   High Performance SMD White LED with Reflector
logo
Transys Electronics
TR8-400-70 TRSYS-TR8-400-70 Datasheet
146Kb / 5P
   SILICON TRIACS
TR8-600-70 TRSYS-TR8-600-70 Datasheet
146Kb / 5P
   SILICON TRIACS
More results

Similar Description - TR8P336M010C2500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com